Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7043IDCUR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7043IDCUR
Description  Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7043IDCUR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7043IDCUR Datasheet HTML 7Page - Texas Instruments ADS7043IDCUR Datasheet HTML 8Page - Texas Instruments ADS7043IDCUR Datasheet HTML 9Page - Texas Instruments ADS7043IDCUR Datasheet HTML 10Page - Texas Instruments ADS7043IDCUR Datasheet HTML 11Page - Texas Instruments ADS7043IDCUR Datasheet HTML 12Page - Texas Instruments ADS7043IDCUR Datasheet HTML 13Page - Texas Instruments ADS7043IDCUR Datasheet HTML 14Page - Texas Instruments ADS7043IDCUR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
C017
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
C018
-0.2
-0.1
0
0.1
0.2
1.8
2.1
2.4
2.7
3
3.3
3.6
Reference Voltage (V)
C016
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C015
-12
-9
-6
-3
0
3
6
9
12
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C013
Calibrated
Un-Calibrated
±20
±15
±10
±5
0
5
10
15
20
1.8
2.1
2.4
2.7
3
3.3
3.6
Reference Voltage (V)
C014
Calibrated
Un-Calibrated
ADS7043
www.ti.com
SBAS681D – NOVEMBER 2014 – REVISED DECEMBER 2015
Typical Characteristics (continued)
At TA = 25°C, AVDD = 3 V, DVDD = 1.8 V, and fSAMPLE = 1 MSPS, unless otherwise noted.
Figure 14. Offset vs Free-Air Temperature
Figure 15. Offset vs Reference Voltage (AVDD)
Figure 16. Gain Error vs Free-Air Temperature
Figure 17. Gain Error vs Reference Voltage (AVDD)
AVDD = 3 V
AVDD = 3 V
Figure 18. Typical DNL
Figure 19. Typical INL
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS7043


Similar Part No. - ADS7043IDCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
More results

Similar Description - ADS7043IDCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com