Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL5111 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5111
Description  Nano-Power System Timer for Power Gating
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5111 Datasheet(HTML) 5 Page - Texas Instruments

  TPL5111 Datasheet HTML 1Page - Texas Instruments TPL5111 Datasheet HTML 2Page - Texas Instruments TPL5111 Datasheet HTML 3Page - Texas Instruments TPL5111 Datasheet HTML 4Page - Texas Instruments TPL5111 Datasheet HTML 5Page - Texas Instruments TPL5111 Datasheet HTML 6Page - Texas Instruments TPL5111 Datasheet HTML 7Page - Texas Instruments TPL5111 Datasheet HTML 8Page - Texas Instruments TPL5111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPL5111
www.ti.com
SNAS659A – JUNE 2015 – REVISED JULY 2015
6.5 Electrical Characteristics
(1)
Specifications are for TA= 25°C, VDD-GND=2.5 V, unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
POWER SUPPLY
IDD
Supply current(4)
Operation mode
35
50
nA
Digital conversion of external
200
400
µA
resistance (Rext)
TIMER
tIP
Time interval Period
1650 selectable
Min time interval
100
ms
Time intervals
Max time
7200
s
interval
Time interval Setting Accuracy(5)
Excluding the precision of Rext
±0.6%
Time interval Setting Accuracy over
1.8V
≤ VDD ≤ 5.5V
±25
ppm/V
supply voltage
tOSC
Oscillator Accuracy
-0.5%
0.5%
Oscillator Accuracy over
-40°C
≤ TA≤ 105°C
±100
±400
ppm/°C
temperature(6)
Oscillator Accuracy over supply
1.8V
≤ VDD ≤ 5.5V
±0.4
%/V
voltage
Oscillator Accuracy over life time(7)
±0.24%
tDONE
DONE Pulse width (6)
100
ns
tDRVn
DRVn Pulse width
DONE signal not received
tIP-50
ms
t_Rext
Time to convert Rext
100
120
ms
DIGITAL LOGIC LEVELS
VIH
Logic High Threshold DONE pin
0.7xVDD
V
VIL
Logic Low Threshold DONE pin
0.3xVDD
V
Iout = 100 µA
VDD-0.3
V
VOH
Logic output High Level DRVn pin
Iout = 1 mA
VDD-0.7
V
Iout = -100 µA
0.3
V
VOL
Logic output Low Level DRVn pin
Iout = -1 mA
0.7
V
VIHM_DRV
Logic High Threshold
1.5
V
DELAY/M_DRV pin
(1)
Electrical Characteristics Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions
result in very limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
Limits are specified by testing, design, or statistical analysis at 25°C. Limits over the operating temperature range are specified through
correlations using statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
The supply current excludes load and pull-up resistor current. Input pins are at GND or VDD.
(5)
The accuracy for time interval settings below 1second is ±100ms.
(6)
This parameter is specified by design and/or characterization and is not tested in production.
(7)
Operational life time test procedure equivalent to10 years.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPL5111


Similar Part No. - TPL5111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5111DDCR TI1-TPL5111DDCR Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5111DDCT TI1-TPL5111DDCT Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5111EVM TI-TPL5111EVM Datasheet
1Mb / 21P
[Old version datasheet]   TPL5111EVM User s Guide
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
More results

Similar Description - TPL5111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5110 TI1-TPL5110_16 Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Rohm
BD39040MUF-C ROHM-BD39040MUF-C Datasheet
2Mb / 29P
   System Power Good Watchdog Timer Reset for Automotive
15.Feb.2019 Rev.001
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com