Electronic Components Datasheet Search |
|
D58V0F4U10LP47B Datasheet(PDF) 2 Page - Diodes Incorporated |
|
D58V0F4U10LP47B Datasheet(HTML) 2 Page - Diodes Incorporated |
2 / 5 page D58V0M4U8MR Document number: DS36183 Rev. 2 - 2 2 of 5 www.diodes.com April 2014 © Diodes Incorporated D58V0M4U8MR Maximum Ratings (@TA = +25°C, unless otherwise specified.), Per Element Characteristic Symbol Value Unit Conditions Peak Pulse Power Dissipation PPP 2700 W 8/20µs, Per Figure 1 Peak Pulse Current IPP 24 A 8/20µs, Per Figure 1 ESD Protection – Contact Discharge VESD_Contact ±30 kV IEC 61000-4-2 Standard ESD Protection – Air Discharge VESD_Air ±30 kV IEC 61000-4-2 Standard Thermal Characteristics Characteristic Symbol Value Unit Package Power Dissipation (Note 5) PD 1.0 W Thermal Resistance, Junction to Ambient (Note 5) RθJA 125 °C/W Operating and Storage Temperature Range TJ, TSTG -65 to +150 °C Electrical Characteristics (@TA = +25°C, unless otherwise specified.) Characteristic Symbol Min Typ Max Unit Test Conditions Reverse Standoff Voltage VRWM — — 58 V — Channel Leakage Current (Note 6) IRM — — 0.2 μA VRWM = 58V Breakdown Voltage VBR 64.4 — 71.2 V IR = 1mA Clamping Voltage VCL — — 100 V IPP = 24A, tp = 8/20μS Channel Input Capacitance CT — 55 — pF VR = 50V, f = 1MHz Notes: 5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at http://www.diodes.com. 6. Short duration pulse test used to minimize self-heating effect. 0 t, TIME ( s) Figure 1 Pulse Waveform 20 40 60 100 50 0 Peak Value Ipp Half Value I /2 pp 8x20 Waveform as defined by R.E.A. 0 10 20 30 40 50 60 70 80 90 100 110 0 25 50 75 100 125 150 175 T (°C) Figure 2 Peak Power Dissipation vs. Initial J Junction Temperature |
Similar Part No. - D58V0F4U10LP47B |
|
Similar Description - D58V0F4U10LP47B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |