Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2556IDWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2556IDWRG4
Description  11-Channel Low-Power Serial ADC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2556IDWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2556IDWRG4 Datasheet HTML 1Page - Texas Instruments TLV2556IDWRG4 Datasheet HTML 2Page - Texas Instruments TLV2556IDWRG4 Datasheet HTML 3Page - Texas Instruments TLV2556IDWRG4 Datasheet HTML 4Page - Texas Instruments TLV2556IDWRG4 Datasheet HTML 5Page - Texas Instruments TLV2556IDWRG4 Datasheet HTML 6Page - Texas Instruments TLV2556IDWRG4 Datasheet HTML 7Page - Texas Instruments TLV2556IDWRG4 Datasheet HTML 8Page - Texas Instruments TLV2556IDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TLV2556
SLAS355B – DECEMBER 2001 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Detailed Description ............................................ 22
8.1
Overview ................................................................. 22
2
Applications ........................................................... 1
8.2
Functional Block Diagram ....................................... 22
3
Description ............................................................. 1
8.3
Feature Description................................................. 22
4
Revision History..................................................... 2
8.4
Device Functional Modes........................................ 28
5
Pin Configuration and Functions ......................... 3
9
Application and Implementation ........................ 29
6
Specifications......................................................... 4
9.1
Application Information............................................ 29
6.1
Absolute Maximum Ratings ...................................... 4
9.2
Typical Application ................................................. 30
6.2
ESD Ratings.............................................................. 4
10
Power Supply Recommendations ..................... 32
6.3
Recommended Operating Conditions ....................... 4
11
Layout................................................................... 32
6.4
Thermal Information .................................................. 5
11.1
Layout Guidelines ................................................. 32
6.5
Electrical Characteristics........................................... 5
11.2
Layout Example .................................................... 33
6.6
External Reference Specifications ........................... 6
12
Device and Documentation Support ................. 34
6.7
Internal Reference Specifications ............................. 6
12.1
Community Resources.......................................... 34
6.8
Operating Characteristics.......................................... 7
12.2
Trademarks ........................................................... 34
6.9
Timing Requirements, VREF+ = 5 V........................... 8
12.3
Electrostatic Discharge Caution ............................ 34
6.10
Timing Requirements, VREF+ = 2.5 V...................... 9
12.4
Glossary ................................................................ 34
6.11
Typical Characteristics .......................................... 15
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information ................ 21
Information ........................................................... 34
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2002) to Revision B
Page
Added ESD Ratings table, Thermal Information table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section ..................................... 1
2
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TLV2556


Similar Part No. - TLV2556IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556IDWRG4 TI-TLV2556IDWRG4 Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IDWRG4 TI1-TLV2556IDWRG4 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
More results

Similar Description - TLV2556IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553 TI1-TLV2553_15 Datasheet
1Mb / 36P
[Old version datasheet]   11-Channel, Low-Power, Serial ADC
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com