Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP92066PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92066PWPR
Description  Dual Temperature-Controlled DAC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP92066PWPR Datasheet(HTML) 5 Page - Texas Instruments

  LMP92066PWPR Datasheet HTML 1Page - Texas Instruments LMP92066PWPR Datasheet HTML 2Page - Texas Instruments LMP92066PWPR Datasheet HTML 3Page - Texas Instruments LMP92066PWPR Datasheet HTML 4Page - Texas Instruments LMP92066PWPR Datasheet HTML 5Page - Texas Instruments LMP92066PWPR Datasheet HTML 6Page - Texas Instruments LMP92066PWPR Datasheet HTML 7Page - Texas Instruments LMP92066PWPR Datasheet HTML 8Page - Texas Instruments LMP92066PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
LMP92066
www.ti.com
SNAS634B – MARCH 2014 – REVISED JANUARY 2016
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
–0.3
5.5
VDDB
–0.3
5.5
VIO
Supply voltage with respect to GNDA
–0.3
5.5
V
VSSB
–5.5
0.3
GNDD
–0.3
0.3
VDDB to VSSB
–0.3
5.5
V
Any other pins to GNDA
–0.3
5.5
DAC output current
10
mA
Current at all other pins
5
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operational temperature
–40
125
°C
Specification temperature
–25
120
DAC output load capacitance
8
12
µF
VDD
Supply voltage range (VDD)
4.75
5.25
VIO
Digital I/O supply voltage
1.65
3.3
V
LDMOS mode VSSB = GNDA
5
VDDB–VSSB
GaN mode VSSB = –5 V
5
7.4 Thermal Information
PWP (HTSSOP)
THERMAL METRIC(1)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
38.2
RθJC(top)
Junction-to-case (top) thermal resistance
21.3
RθJB
Junction-to-board thermal resistance
15.1
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
14.9
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP92066


Similar Part No. - LMP92066PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92066 TI-LMP92066_15 Datasheet
1Mb / 62P
[Old version datasheet]   LMP92066 Dual Temperature-Controlled DAC with Integrated EEPROM and Output ON/OFF Control
More results

Similar Description - LMP92066PWPR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3911 MAXIM-DS3911 Datasheet
2Mb / 24P
   Temperature-Controlled, Nonvolatile, I2C Quad DAC
Rev 0; 6/11
logo
Texas Instruments
LMP92066 TI-LMP92066_15 Datasheet
1Mb / 62P
[Old version datasheet]   LMP92066 Dual Temperature-Controlled DAC with Integrated EEPROM and Output ON/OFF Control
logo
Dallas Semiconductor
DS1847 DALLAS-DS1847 Datasheet
239Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
logo
Maxim Integrated Produc...
DS1847 MAXIM-DS1847 Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
DS1848 MAXIM-DS1848 Datasheet
264Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
011806
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
Dallas Semiconductor
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
logo
Maxim Integrated Produc...
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com