Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC3433ZVB Datasheet(PDF) 10 Page - Texas Instruments

Part # DLPC3433ZVB
Description  Display Controller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433ZVB Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPC3433ZVB Datasheet HTML 6Page - Texas Instruments DLPC3433ZVB Datasheet HTML 7Page - Texas Instruments DLPC3433ZVB Datasheet HTML 8Page - Texas Instruments DLPC3433ZVB Datasheet HTML 9Page - Texas Instruments DLPC3433ZVB Datasheet HTML 10Page - Texas Instruments DLPC3433ZVB Datasheet HTML 11Page - Texas Instruments DLPC3433ZVB Datasheet HTML 12Page - Texas Instruments DLPC3433ZVB Datasheet HTML 13Page - Texas Instruments DLPC3433ZVB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
DLPC3433, DLPC3438
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
www.ti.com
Pin Functions – Peripheral Interface(1)
PIN
I/O
DESCRIPTION
NAME
NUMBER
Successive approximation ADC comparator output (DLPC343x Input). Assumes a successive
approximation ADC is implemented with a WPC light sensor and/or a thermistor feeding one input of
CMP_OUT
A12
I6
an external comparator and the other side of the comparator is driven from the ASIC’s CMP_PWM pin.
Should be pulled-down to ground if this function is not used. (hysteresis buffer)
Successive approximation comparator pulse-duration modulation (output). Supplies a PWM signal to
CMP_PWM
A15
O1
drive the successive approximation ADC comparator used in WPC light-to-voltage sensor applications.
Should be left unconnected if this function is not used.
Host interrupt (output)
This signal has two primary uses. The first use is to indicate when DLPC343x auto-initialization is in
progress and most importantly when it completes. The second is to indicate when service is requested
HOST_IRQ(2)
N8
O9
(that is an interrupt request).
The DLPC343x tri-states this output during reset and assumes that an external pullup is in place to
drive this signal to its inactive state.
I2C slave (port 0) SCL (bidirectional, open-drain signal with input hysteresis): An external pullup is
required. The slave I2C I/Os are 3.6-V tolerant (high-volt-input tolerant) and are powered by VCC_INTF
IIC0_SCL
N10
B7
(which can be 1.8, 2.5, or 3.3 V). External I2C pullups must be connected to an equal or higher supply
voltage, up to a maximum of 3.6 V (a lower pullup supply voltage would not likely satisfy the VIH
specification of the slave I2C input buffers).
Reserved
R11
B8
TI internal use. TI recommends an external pullup resistor.
I2C slave (port 0) SDA. (bidirectional, open-drain signal with input hysteresis): An external pullup is
required. The slave I2C port is the control port of ASIC. The slave I2C I/Os are 3.6-V tolerant (high-volt-
IIC0_SDA
N9
B7
input tolerant) and are powered by VCC_INTF (which can be 1.8, 2.5, or 3.3 V). External I2C pullups
must be connected to an equal or higher supply voltage, up to a maximum of 3.6 V (a lower pullup
supply voltage would not likely satisfy the VIH specification of the slave I2C input buffers).
Reserved
R10
B8
TI internal use. TI recommends an external pullup resistor.
LED enable select. Controlled by programmable DMD sequence
Timing
Enabled LED
LED_SEL(1:0)
DLPA200x application
LED_SEL_0
B15
O1
00
None
01
Red
10
Green
11
Blue
These signals will be driven low when RESETZ is asserted and the corresponding I/O power is
supplied. They will continue to be driven low throughout the auto-initialization process. A weak,
LED_SEL_1
B14
O1
external pulldown resistor is still recommended to ensure that the LEDs are disabled when I/O power is
not applied.
SPI0_CLK
A13
O13
Synchronous serial port 0, clock
SPI port 1, chip select 0 (active low output)
SPI0_CSZ0
A14
O13
TI recommends an external pullup resistor to avoid floating inputs to the external SPI device during
ASIC reset assertion.
SPI port 1, chip select 1 (active low output)
SPI0_CSZ1
C12
O13
TI recommends an external pullup resistor to avoid floating inputs to the external SPI device during
ASIC reset assertion.
SPI0_DIN
B12
I12
Synchronous serial port 0, receive data in
SPI0_DOUT
B13
O13
Synchronous serial port 0, transmit data out
(1)
External pullup resistor must be 8 k
Ω or less.
(2)
For more information about usage, see HOST_IRQ Usage Model.
10
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: DLPC3433 DLPC3438


Similar Part No. - DLPC3433ZVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3430 TI1-DLPC3430 Datasheet
1Mb / 59P
[Old version datasheet]   Display Controller
DLPC3430 TI1-DLPC3430 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLPC3430CZVBR TI1-DLPC3430CZVBR Datasheet
1Mb / 59P
[Old version datasheet]   Display Controller
DLPC3430ZVBR TI1-DLPC3430ZVBR Datasheet
1Mb / 59P
[Old version datasheet]   Display Controller
DLPC3432 TI1-DLPC3432 Datasheet
2Mb / 60P
[Old version datasheet]   Display Controller
More results

Similar Description - DLPC3433ZVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3436 TI1-DLPC3436 Datasheet
170Kb / 8P
[Old version datasheet]   Display Controller
DLPC3439 TI1-DLPC3439 Datasheet
2Mb / 63P
[Old version datasheet]   Display Controller
DLPC3437 TI1-DLPC3437 Datasheet
374Kb / 9P
[Old version datasheet]   Display Controller
DLPC3432 TI1-DLPC3432 Datasheet
2Mb / 60P
[Old version datasheet]   Display Controller
logo
Epson Company
S1D13513 EPSON-S1D13513 Datasheet
116Kb / 2P
   Display Controller
logo
Texas Instruments
DLPC3430 TI1-DLPC3430 Datasheet
1Mb / 59P
[Old version datasheet]   Display Controller
logo
Fujitsu Component Limit...
MB88F322 FUJITSU-MB88F322 Datasheet
1Mb / 2P
   Graphics Display Controller
logo
Renesas Technology Corp
TW8832 RENESAS-TW8832 Datasheet
154Kb / 3P
   TFT Display Controller
logo
Grayhill, Inc
3J0005-200N GRAYHILL-3J0005-200N Datasheet
1Mb / 2P
   Vehicle Display Controller
logo
Renesas Technology Corp
TW8831 RENESAS-TW8831 Datasheet
119Kb / 2P
   TFT Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com