Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8557IPM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8557IPM
Description  12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8557IPM Datasheet(HTML) 5 Page - Texas Instruments

  ADS8557IPM Datasheet HTML 1Page - Texas Instruments ADS8557IPM Datasheet HTML 2Page - Texas Instruments ADS8557IPM Datasheet HTML 3Page - Texas Instruments ADS8557IPM Datasheet HTML 4Page - Texas Instruments ADS8557IPM Datasheet HTML 5Page - Texas Instruments ADS8557IPM Datasheet HTML 6Page - Texas Instruments ADS8557IPM Datasheet HTML 7Page - Texas Instruments ADS8557IPM Datasheet HTML 8Page - Texas Instruments ADS8557IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
ADS8556, ADS8557, ADS8558
www.ti.com
SBAS404D – OCTOBER 2006 – REVISED FEBRUARY 2016
Product Folder Links: ADS8556 ADS8557 ADS8558
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
PARALLEL INTERFACE (PAR/SER = 0)
SERIAL INTERFACE (PAR/SER = 1)
DB2/SEL_C
15
DIO, DI
Word mode (WORD/BYTE = 0):
Data bit 2 input/output
Select SDO_C input.
When high, SDO_C is active. When low,
SDO_C is disabled.
Byte mode (WORD/BYTE = 1):
Connect to BGND or BVDD
DB1/SEL_B
16
DIO, DI
Word mode (WORD/BYTE = 0):
Data bit 1 input/output
Select SDO_B input.
When high, SDO_B is active. When low,
SDO_B is disabled.
Byte mode (WORD/BYTE = 1):
Connect to BGND or BVDD
DB0/SEL_A
17
DIO, DI
Word mode (WORD/BYTE = 0):
Data bit 0 (LSB) input/output
Select SDO_A input.
When high, SDO_A is active. When low,
SDO_A is disabled. Must always be high.
Byte mode (WORD/BYTE = 1):
Connect to BGND or BVDD
BUSY/INT
18
DO
When CR bit C21 = 0 (BUSY/INT), converter busy status output. Transitions high when a
conversion has been started and remains high during the entire process. Transitions low when
the conversion data of all six channels are latched to the output register and remains low
thereafter.
In sequential mode (SEQ = 1 in the CR), the BUSY output transitions high when a conversion
has been started and goes low for a single conversion clock cycle (tCCLK) whenever a channel
pair conversion is completed.
When bit C21 = 1 (BUSY/INT in CR), interrupt output. This bit transitions high after a conversion
completes and remains high until the conversion result is read.
The polarity of BUSY/INT output can be changed using bit C20 (BUSY L/H) in the control
register.
CS/FS
19
DI, DI
Chip select input.
When low, the parallel interface is enabled.
When high, the interface is disabled.
Frame synchronization.
The falling edge of FS controls the frame
transfer.
RD
20
DI
Read data input.
When low, the parallel data output is enabled.
When high, the data output is disabled.
Connect to BGND.
CONVST_C
21
DI
Hardware mode (HW/SW = 0): Conversion start of channel pair C.
The rising edge of this signal initiates simultaneous conversion of analog signals at inputs
CH_C[1:0]. CONVST_C must remain high during the entire conversion cycle, otherwise both
ADCs of channel C are put in partial power-down mode (see the Reset and Power-Down Modes
section).
Software mode (HW/SW = 1): Conversion start of channel pair C in sequential mode (CR bit C23
= 1) only; connect to BGND or BVDD otherwise.
CONVST_B
22
DI
Hardware mode (HW/SW = 0): Conversion start of channel pair B.
The rising edge of this signal initiates simultaneous conversion of analog signals at inputs
CH_B[1:0]. CONVST_B must remain high during the entire conversion cycle; otherwise, both
ADCs of channel B are put into partial power-down mode (see the Reset and Power-Down
Modes section).
Software mode (HW/SW = 1): Conversion start of channel pair B in sequential mode (CR bit C23
= 1) only; connect to BGND or BVDD otherwise.
CONVST_A
23
DI
Hardware mode (HW/SW = 0): Conversion start of channel pair A.
The rising edge of this signal initiates simultaneous conversion of analog signals at inputs
CH_A[1:0]. CONVST_A must remain high during the entire conversion cycle; otherwise, both
ADCs of channel A are put into partial power-down mode (see the Reset and Power-Down
Modes section).
Software mode (HW/SW = 1): Conversion start of all selected channels except in sequential
mode
(CR bit C23 = 1): Conversion start of channel pair A only.
STBY
24
DI
Standby mode input. When low, the entire device is powered-down (including the internal clock
and reference).
When high, the device operates in normal mode.
AGND
25, 32,
37, 38,
43, 44,
49, 52,
53, 55,
57, 59
P
Analog ground, connect to analog ground plane
Pin 25 can have a dedicated ground if the difference between its potential and AGND is always
kept within ±300 mV.


Similar Part No. - ADS8557IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8557IPM TI-ADS8557IPM Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8557IPMR TI-ADS8557IPMR Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS8557IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com