Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1018-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1018-Q1
Description  Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1018-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1018-Q1 Datasheet HTML 6Page - Texas Instruments ADS1018-Q1 Datasheet HTML 7Page - Texas Instruments ADS1018-Q1 Datasheet HTML 8Page - Texas Instruments ADS1018-Q1 Datasheet HTML 9Page - Texas Instruments ADS1018-Q1 Datasheet HTML 10Page - Texas Instruments ADS1018-Q1 Datasheet HTML 11Page - Texas Instruments ADS1018-Q1 Datasheet HTML 12Page - Texas Instruments ADS1018-Q1 Datasheet HTML 13Page - Texas Instruments ADS1018-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
VDD
GND
AIN0
VDD
GND
AIN1
VDD
GND
AIN2
VDD
GND
AIN3
AIN
P
AIN
N
GND
Device
ADS1018-Q1
SBAS741A – OCTOBER 2015 – REVISED NOVEMBER 2015
www.ti.com
8.3 Feature Description
8.3.1 Multiplexer
The ADS1018-Q1 contains an input multiplexer (mux), as shown in Figure 8. Either four single-ended or two
differential signals can be measured. Additionally, AIN0, AIN1, and AIN2 can be measured differentially to AIN3.
The multiplexer is configured by bits MUX[2:0] in the Config register. When single-ended signals are measured,
the negative input of the ADC is internally connected to GND by a switch within the multiplexer.
Figure 8. Input Multiplexer
When measuring single-ended inputs, the device does not output negative codes. These negative codes indicate
negative differential signals; that is, (V(AINP) – V(AINN)) < 0. Electrostatic discharge (ESD) diodes to VDD and GND
protect the ADS1018-Q1 inputs. To prevent the ESD diodes from turning on, keep the absolute voltage on any
input within the range given in Equation 1:
GND – 0.3 V < V(AINx) < VDD + 0.3 V
(1)
If the voltages on the input pins can possibly violate these conditions, use external Schottky diodes and series
resistors to limit the input current to safe values (see the Absolute Maximum Ratings table).
Also, overdriving one unused input on the ADS1018-Q1 may affect conversions currently taking place on other
input pins. If overdriving unused inputs is possible, clamp the signal with external Schottky diodes.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS1018-Q1


Similar Part No. - ADS1018-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1018-Q1 TI-ADS1018-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1018-Q1 TI1-ADS1018-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
More results

Similar Description - ADS1018-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com