Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS54J69IRMPT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54J69IRMPT
Description  Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J69IRMPT Datasheet(HTML) 5 Page - Texas Instruments

  ADS54J69IRMPT Datasheet HTML 1Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 2Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 3Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 4Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 5Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 6Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 7Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 8Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
5
ADS54J69
www.ti.com
SBAS713B – MAY 2015 – REVISED FEBRUARY 2016
Product Folder Links: ADS54J69
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range
AVDD3V
–0.3
3.6
V
AVDD
–0.3
2.1
DVDD
–0.3
2.1
IOVDD
–0.2
1.4
Voltage between AGND and DGND
–0.3
0.3
V
Voltage applied to input pins
INAP, INBP, INAM, INBM
–0.3
3
V
CLKINP, CLKINM
–0.3
AVDD + 0.3
SYSREFP, SYSREFM
–0.3
AVDD + 0.3
SCLK, SEN, SDIN, RESET, SYNC, PDN
–0.2
2.1
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
SYSREF must be applied for the device to initialize; see the SYSREF Signal section for details.
(2)
After power-up, always use a hardware reset to reset the device for the first time; see Table 58 for details.
(3)
Operating 0.5 dB below the maximum-supported amplitude is recommended to accommodate gain mismatch in interleaving ADCs.
(4)
At high frequencies, the maximum supported input amplitude reduces; see Figure 51 for details.
(5)
Prolonged use above the nominal junction temperature can increase the device failure-in-time (FIT) rate.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
NOM
MAX
UNIT
Supply voltage range
AVDD3V
2.85
3.0
3.6
V
AVDD
1.8
1.9
2.0
DVDD
1.7
1.9
2.0
IOVDD
1.1
1.15
1.2
Analog inputs
Differential input voltage range
1.9
VPP
Input common-mode voltage
2.0
V
Maximum analog input frequency for 1.9-VPP input amplitude
(3) (4)
400
MHz
Clock inputs
Input clock frequency, device clock frequency
500
1000
MHz
Input clock amplitude differential
(VCLKP – VCLKM)
Sine wave, ac-coupled
0.75
1.5
VPP
LVPECL, ac-coupled
0.8
1.6
LVDS, ac-coupled
0.7
Input device clock duty cycle
45%
50%
55%
Temperature
Operating free-air, TA
–40
85
ºC
Operating junction, TJ
105(5)
125


Similar Part No. - ADS54J69IRMPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60IRMP TI1-ADS54J60IRMP Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60IRMPT TI1-ADS54J60IRMPT Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J64 TI1-ADS54J64 Datasheet
8Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS, 2x Oversampling, Analog-to-Digital Converter
ADS54J64IRMP TI1-ADS54J64IRMP Datasheet
8Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS, 2x Oversampling, Analog-to-Digital Converter
More results

Similar Description - ADS54J69IRMPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC31JB68 TI1-ADC31JB68 Datasheet
3Mb / 74P
[Old version datasheet]   Single Channel 16-bit 500 Msps Analog to Digital Converter
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com