Electronic Components Datasheet Search |
|
ADS1000-Q1 Datasheet(PDF) 9 Page - Texas Instruments |
|
ADS1000-Q1 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 27 page ADS1000-Q1 www.ti.com SBAS480B – SEPTEMBER 2009 – REVISED OCTOBER 2015 Device Functional Modes (continued) 7.4.2 Reset and Power Up When the ADS1000-Q1 powers up, it automatically performs a reset. As part of the reset, the ADS1000-Q1 sets all of the bits in the configuration register to their respective default settings. The ADS1000-Q1 responds to the I2C General Call Reset command. When the ADS1000-Q1 receives a General Call Reset, it performs an internal reset, exactly as though it had just been powered on. 7.5 Programming 7.5.1 I2C Interface The ADS1000-Q1 communicates through an I2C (Inter-Integrated Circuit) interface. The I2C interface is a two- wire, open-drain interface supporting multiple devices and masters on a single bus. Devices on the I2C bus only drive the bus lines low, by connecting them to ground; they never drive the bus lines high. Instead, the bus wires are pulled high by pullup resistors, so the bus wires are high when no device is driving them low. This way, two devices cannot conflict; if two devices drive the bus simultaneously, there is no driver contention. Communication on the I2C bus always takes place between two devices, one acting as the master and the other acting as the slave. Both masters and slaves can read and write, but slaves can only do so under the direction of the master. Some I2C devices can act as masters or slaves, but the ADS1000-Q1 can only act as a slave device. An I2C bus consists of two lines, SDA and SCL. SDA carries data; SCL provides the clock. All data is transmitted across the I2C bus in groups of eight bits. To send a bit on the I2C bus, the SDA line is driven to the bit level while SCL is low (a Low on SDA indicates the bit is 0; a High indicates the bit is 1). Once the SDA line has settled, the SCL line is brought high, then low. This pulse on SCL clocks the SDA bit into the receiver shift register. The I2C bus is bidirectional: the SDA line is used both for transmitting and receiving data. When a master reads from a slave, the slave drives the data line; when a master sends to a slave, the master drives the data line. The master always drives the clock line. The ADS1000-Q1 never drives SCL, because it cannot act as a master. On the ADS1000-Q1, SCL is an input only. Most of the time the bus is idle, no communication takes place, and both lines are high. When communication takes place, the bus is active. Only master devices can start a communication. They do this by causing a start condition on the bus. Normally, the data line is only allowed to change state while the clock line is low. If the data line changes state while the clock line is high, it is either a start condition or its counterpart, a stop condition. A start condition is when the clock line is high and the data line goes from high to low. A stop condition is when the clock line is high and the data line goes from low to high. After the master issues a start condition, it sends a byte that indicates with which slave device it wants to communicate. This byte is called the address byte. Each device on an I2C bus has a unique 7-bit address to which it responds. (Slaves can also have 10-bit addresses; see the I2C specification for details.) The master sends an address in the address byte, together with a bit that indicates whether it wishes to read from or write to the slave device. Every byte transmitted on the I2C bus, whether it be address or data, is acknowledged with an acknowledge bit. When a master has finished sending a byte, eight data bits, to a slave, it stops driving SDA and waits for the slave to acknowledge the byte. The slave acknowledges the byte by pulling SDA low. The master then sends a clock pulse to clock the acknowledge bit. Similarly, when a master has finished reading a byte, it pulls SDA low to acknowledge to the slave that it has finished reading the byte. It then sends a clock pulse to clock the bit. (Remember that the master always drives the clock line.) A not-acknowledge is performed by simply leaving SDA high during an acknowledge cycle. If a device is not present on the bus, and the master attempts to address it, it will receive a not-acknowledge because no device is present at that address to pull the line low. When a master has finished communicating with a slave, it may issue a stop condition. When a stop condition is issued, the bus becomes idle again. A master may also issue another start condition. When a start condition is issued while the bus is active, it is called a repeated start condition. A timing diagram for an ADS1000-Q1 I2C transaction is shown in Figure 1. Timing Requirements gives the parameters for this diagram. Copyright © 2009–2015, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: ADS1000-Q1 |
Similar Part No. - ADS1000-Q1_15 |
|
Similar Description - ADS1000-Q1_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |