Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1000-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS1000-Q1
Description  Low-Power 12-Bit Analog-to-Digital Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1000-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1000-Q1_15 Datasheet HTML 3Page - Texas Instruments ADS1000-Q1_15 Datasheet HTML 4Page - Texas Instruments ADS1000-Q1_15 Datasheet HTML 5Page - Texas Instruments ADS1000-Q1_15 Datasheet HTML 6Page - Texas Instruments ADS1000-Q1_15 Datasheet HTML 7Page - Texas Instruments ADS1000-Q1_15 Datasheet HTML 8Page - Texas Instruments ADS1000-Q1_15 Datasheet HTML 9Page - Texas Instruments ADS1000-Q1_15 Datasheet HTML 10Page - Texas Instruments ADS1000-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PGA = 8
PGA = 4
PGA = 2
PGA = 1
2.0
1.0
0.0
1.0
2.0
-
-
-40
-20
0
20
40
60
80
100
120
140
-60
Temperature(°C)
PGA=8
PGA=4
PGA=1
PGA=2
0.04
0.03
0.02
0.01
0.00
0.01
0.02
0.03
0.04
-
-
-
-
-40
-20
0
20
40
60
80
100
120
140
-60
Temperature(°C)
ADS1000-Q1
www.ti.com
SBAS480B – SEPTEMBER 2009 – REVISED OCTOBER 2015
6.7 Typical Characteristics
At TA = 25°C and VDD = 5 V, unless otherwise indicated.
Figure 3. Supply Current vs I2C Bus Frequency
Figure 2. Supply Current vs Temperature
Figure 4. Offset Error vs Temperature
Figure 5. Gain Error vs Temperature
Figure 6. Data Rate vs Temperature
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS1000-Q1


Similar Part No. - ADS1000-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
More results

Similar Description - ADS1000-Q1_15

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com