Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1G0041310011XX16 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # X1G0041310011XX16
Description  TG-5006CJ-20H 38.400000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X1G0041310011XX16 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  X1G0041310011XX16 Datasheet HTML 1Page - List of Unclassifed Manufacturers X1G0041310011XX16 Datasheet HTML 2Page - List of Unclassifed Manufacturers X1G0041310011XX16 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
7.External dimensions
(Unit: mm)
8.Footprint(Recommended)
(Unit: mm)
9.Reflow profile
10.Packing information
[ 1 ]Product number last 2 digits code(xx) description
The recommended code is "00"
X1G0041310011xx
Code
Code
00
12000pcs / Reel
14
1000pcs / Reel
01
Any Q'ty vinyl bag(Tape cut)
15
2000pcs / Reel
11
Any Q'ty / Reel
16
3000pcs / Reel
Condition
Condition
To maintain stable operation, provide a 0.01uF to 0.1uF
by-pass capacitor at a location as near as possible to the
power source terminal of the crystal product (between Vcc
- GND).
Temperature[C]
60
300
250
200
150
100
50
0
ts
60sto180s
(+150Cto+200C)
Avg. Ramp-up
3C/sMax.
Ramp-down
6
C/sMax.
Time[s]
120
180
240
300
360
420
480
540
600
660
720
780
Tsmin;+150C
Tsmax;+200C
TL
;+217C
+255C
tL
60sto150s
(+217Cover)
tp;20sto40s
TP
;+260C
Time +25CtoPeak
2.0±0
1.2
1.58
C0.15
#1
#2
#3
#4
1.65
0.6
3 Page


Similar Part No. - X1G0041310011XX16

ManufacturerPart #DatasheetDescription
logo
Epson Company
X1G004131001 EPSON-X1G004131001 Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
X1G004131001000 EPSON-X1G004131001000 Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
X1G0041310010XX EPSON-X1G0041310010XX Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
logo
List of Unclassifed Man...
X1G004131001300 ETC2-X1G004131001300 Datasheet
439Kb / 6P
   TG-5006CJ-22L 16.367667 MHz
X1G004131001301 ETC2-X1G004131001301 Datasheet
439Kb / 6P
   TG-5006CJ-22L 16.367667 MHz
More results

Similar Description - X1G0041310011XX16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G0041310018XX ETC2-X1G0041310018XX Datasheet
439Kb / 6P
   TG-5006CJ-27L 38.400000 MHz
X1G0041310014XX ETC2-X1G0041310014XX Datasheet
439Kb / 6P
   TG-5006CJ-23L 16.368000 MHz
X1G0041310016XX ETC2-X1G0041310016XX Datasheet
439Kb / 6P
   TG-5006CJ-25L 19.200000 MHz
X1G0041310013XX ETC2-X1G0041310013XX Datasheet
439Kb / 6P
   TG-5006CJ-22L 16.367667 MHz
X1G0041310042XX ETC2-X1G0041310042XX Datasheet
439Kb / 6P
   TG-5006CJ-47L 32.000000 MHz
logo
Epson Company
X1G0041310010XX EPSON-X1G0041310010XX Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
logo
List of Unclassifed Man...
X1G0044810108XX ETC2-X1G0044810108XX Datasheet
240Kb / 5P
   SG7050CAN 38.400000 MHz TJGA
X1G0044510090XX ETC2-X1G0044510090XX Datasheet
262Kb / 5P
   SG5032CAN 38.400000 MHz TJGA
X1G0041310041XX ETC2-X1G0041310041XX Datasheet
439Kb / 6P
   XTAL OSC VCTCXO 40.0000MHZ SNWV
logo
Weidmuller
2747180000 WEIDMULLER-2747180000 Datasheet
2Mb / 8P
   FMH S1/20H F1 B RL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com