Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1G0041310011XX00 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # X1G0041310011XX00
Description  TG-5006CJ-20H 38.400000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X1G0041310011XX00 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  X1G0041310011XX00 Datasheet HTML 1Page - List of Unclassifed Manufacturers X1G0041310011XX00 Datasheet HTML 2Page - List of Unclassifed Manufacturers X1G0041310011XX00 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5.Timing chart
Output waveform (Clipped sine wave output)
6.Test circuit for TCXO
1) Output Load : 10 kΩ//10 pF
2) Current consumption
3) Conditions
1. Oscilloscope:
Impedance
Min. 1 MΩ
Input capacitance
Max. 10 pF
Band width
Min. 300 MHz
Impossible to measure both frequency and wave form at the same time.(In case of using
oscilloscope's amplifier output, possible to measure both at the same time.)
2. Load_C includes probe capacitance.
3. A capacitor (By-pass:0.01 to 0.1 uF) is placed between V
CC and GND,and closely to TCXO.
4. Use the current meter whose internal impedance value is small.
5. Power Supply
Impedance of power supply should be as low as possible.
GND
Vp-p
tW
t
SYM=tw/t×100 %
By-pass
Capacitor
0.01 mF
Supply
Voltage
0.01
10 pF
10 kΩ
Test Point
V
CC
N.C
OUT
GND
By-pass
Capacitor
0.01 mF
0.01
10 pF
10 kΩ
V
CC
N.C
OUT
GND
A
Supply
Voltage
2 Page


Similar Part No. - X1G0041310011XX00

ManufacturerPart #DatasheetDescription
logo
Epson Company
X1G004131001 EPSON-X1G004131001 Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
X1G004131001000 EPSON-X1G004131001000 Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
X1G0041310010XX EPSON-X1G0041310010XX Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
logo
List of Unclassifed Man...
X1G004131001300 ETC2-X1G004131001300 Datasheet
439Kb / 6P
   TG-5006CJ-22L 16.367667 MHz
X1G004131001301 ETC2-X1G004131001301 Datasheet
439Kb / 6P
   TG-5006CJ-22L 16.367667 MHz
More results

Similar Description - X1G0041310011XX00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G0041310018XX ETC2-X1G0041310018XX Datasheet
439Kb / 6P
   TG-5006CJ-27L 38.400000 MHz
X1G0041310014XX ETC2-X1G0041310014XX Datasheet
439Kb / 6P
   TG-5006CJ-23L 16.368000 MHz
X1G0041310016XX ETC2-X1G0041310016XX Datasheet
439Kb / 6P
   TG-5006CJ-25L 19.200000 MHz
X1G0041310013XX ETC2-X1G0041310013XX Datasheet
439Kb / 6P
   TG-5006CJ-22L 16.367667 MHz
X1G0041310042XX ETC2-X1G0041310042XX Datasheet
439Kb / 6P
   TG-5006CJ-47L 32.000000 MHz
logo
Epson Company
X1G0041310010XX EPSON-X1G0041310010XX Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
logo
List of Unclassifed Man...
X1G0044810108XX ETC2-X1G0044810108XX Datasheet
240Kb / 5P
   SG7050CAN 38.400000 MHz TJGA
X1G0044510090XX ETC2-X1G0044510090XX Datasheet
262Kb / 5P
   SG5032CAN 38.400000 MHz TJGA
X1G0041310041XX ETC2-X1G0041310041XX Datasheet
439Kb / 6P
   XTAL OSC VCTCXO 40.0000MHZ SNWV
logo
Weidmuller
2747180000 WEIDMULLER-2747180000 Datasheet
2Mb / 8P
   FMH S1/20H F1 B RL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com