Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VA-FC-1M-BKW Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VA-FC-1M-BKW
Description  VM810C EVE2 CREDIT CARD MODULE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VA-FC-1M-BKW Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VA-FC-1M-BKW Datasheet HTML 7Page - List of Unclassifed Manufacturers VA-FC-1M-BKW Datasheet HTML 8Page - List of Unclassifed Manufacturers VA-FC-1M-BKW Datasheet HTML 9Page - List of Unclassifed Manufacturers VA-FC-1M-BKW Datasheet HTML 10Page - List of Unclassifed Manufacturers VA-FC-1M-BKW Datasheet HTML 11Page - List of Unclassifed Manufacturers VA-FC-1M-BKW Datasheet HTML 12Page - List of Unclassifed Manufacturers VA-FC-1M-BKW Datasheet HTML 13Page - List of Unclassifed Manufacturers VA-FC-1M-BKW Datasheet HTML 14Page - List of Unclassifed Manufacturers VA-FC-1M-BKW Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Copyright © 2015 Future Technology Devices International Limited
VM810C EVE2 CREDIT CARD MODULE
Version 1.1
Document No.: FT_001225 Clearance No.: FTDI#464
SHDN
1
BYPASS
2
IN+
3
IN-
4
VO+
5
VDD
6
GND
7
VO-
8
GND
9
U6
TPA6205A1
C20
1uF
R14
10k/1%
R12
10k/1%
R15
20k/1%
R13
20k/1%
C18
0.47uF
C19
0.22uF
AGND
R17
47k
C16
0.47uF
R9
1k
C13
4.7nF
R10
1k
C14
4.7nF
R11
1k
C15
4.7nF
AGND
AGND
AGND
AGND
AUD_3V3
AUDIO_L
AUDIO_SHDN#
AGND
1
2
3
J2
Header 0.1"
SP-
SP+
AUDIO_L_out
JP2-Audio Amp. Enabled
JP3-Audio Amp. Mute
1
2
4
OE
U5
SN74LVC1G125DBVR
AUD_3V3
AGND
R16
33R
C17
0.1uF
AUD_3V3
AGND
R8
33R
J4
J3
AGND
SP1
1W/8Ohm
AUDIO_L
AUDIO_SHDN#
JP2
JP3
C22
0.1uF
AUD_3V3
C23
10nF
C21
100uF
AGND
Max peak current ~400mA for 8-ohm speaker
GND
1
2
3
JP1
Jumper 2.0mm
5V
FB1
600R/1A
FB2
600R/1A
3V3
XL1
Shunt 2.0mm
AGND
AGND
Figure 4-3 – Audio Circuit


Similar Part No. - VA-FC-1M-BKW

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VA-FC-1M-BKW FTDI-VA-FC-1M-BKW Datasheet
1Mb / 22P
   Embedded Video Engine Credit Card Board
logo
Bridgetek Pte Ltd.
VA-FC-1M-BKW BRIDGETEK-VA-FC-1M-BKW Datasheet
1Mb / 18P
   Future Technology Devices International
Version 1.0
logo
Future Technology Devic...
VA-FC-1M-BKW FTDI-VA-FC-1M-BKW Datasheet
1Mb / 17P
   Future Technology Devices International
Version 1.0
More results

Similar Description - VA-FC-1M-BKW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-7.0-800480FT-CSXN-CTP NEWHAVEN-NHD-7.0-800480FT-CSXN-CTP Datasheet
869Kb / 12P
   7.0" EVE2 TFT Module
NHD-7.0-800480FT-CSXV-T NEWHAVEN-NHD-7.0-800480FT-CSXV-T Datasheet
860Kb / 12P
   7.0" EVE2 TFT Module
NHD-4.3-480272FT-CSXV-CTP NEWHAVEN-NHD-4.3-480272FT-CSXV-CTP Datasheet
869Kb / 12P
   4.3" EVE2 TFT Module
NHD-4.3-480272FT-CTXL-T NEWHAVEN-NHD-4.3-480272FT-CTXL-T Datasheet
858Kb / 12P
   4.3" EVE2 TFT Module
NHD-7.0-800480FT-CSXV-CTP NEWHAVEN-NHD-7.0-800480FT-CSXV-CTP Datasheet
868Kb / 12P
   7.0" EVE2 TFT Module
NHD-4.3-480272FT-CSXV-T NEWHAVEN-NHD-4.3-480272FT-CSXV-T Datasheet
858Kb / 12P
   4.3" EVE2 TFT Module
NHD-7.0-800480FT-CTXL-CTP NEWHAVEN-NHD-7.0-800480FT-CTXL-CTP Datasheet
868Kb / 12P
   7.0" EVE2 TFT Module
NHD-7.0-800480FT-CTXL-T NEWHAVEN-NHD-7.0-800480FT-CTXL-T Datasheet
860Kb / 12P
   7.0" EVE2 TFT Module
NHD-3.5-320240FT-CSXN-CTP NEWHAVEN-NHD-3.5-320240FT-CSXN-CTP Datasheet
827Kb / 12P
   3.5" EVE2 TFT Module
NHD-3.5-320240FT-CSXV-CTP NEWHAVEN-NHD-3.5-320240FT-CSXV-CTP Datasheet
825Kb / 12P
   3.5" EVE2 TFT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com