Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2520-16.000-10-3030-EXT Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # R2520-16.000-10-3030-EXT
Description  SURFACE MOUNT MICROPROCESSOR CRYSTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

R2520-16.000-10-3030-EXT Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  R2520-16.000-10-3030-EXT Datasheet HTML 1Page - Raltron Electronics Corporation R2520-16.000-10-3030-EXT Datasheet HTML 2Page - Raltron Electronics Corporation R2520-16.000-10-3030-EXT Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SURFACE MOUNT MICROPROCESSOR CRYSTAL
Page 2 of 3
TCXO
Page 2 of 3
SERIES R2520
R A L T R O N E L E C T R O N I C S  1 0 4 0 0 N . W . 3 3
r d ST R E E T  Mi a m i , F l o ri d a 3 3 1 7 2  U . S . A .
Telephone: 305-593-6033  Fax: 305-594-3973  e-mail: sales@raltron.com  web site: http://www.raltron.com
PART NUMBERING SYSTEM
TYPE
-
FREQUENCY
-
LOAD CAPACITANCE
-
MODE
-
TOLERANCE/STABLITY
(PPM/PPM)
R2520
-
IN MHz
-
10 TO 32 pF FOR PARALLEL
S FOR SERIES
-
Blank FOR < 24.576 MHz
F FOR
≥ 24.576 MHz
-
Blank FOR MAXIMUM
PPMPPM
Example: 1020, 2050
-
EXTENDED
TEMPERATURE
-
TAPE &
REEL
-
Blank FOR STANDARD
EXT FOR EXTENDED
-
TR
EXAMPLE: R2520-20.000-10-2050-TR
Surface Mount Crystal, 2.5 mm x 2.0 mm package, 20.000 MHz, 10 pF load, ±20 ppm Tolerance, ±20 ppm Stability
over the Operating Temperature from -10°C to +60°C, Tape and Reel packaging
MECHANICAL SPECIFICATION
CARRIER TAPE DIMENSIONS
2.5 ± 0.2
0.8
.098 ± .008
.031
TOP VIEW
GND
GND
1.0
.040
LAND PATTERN
MARKING
AREA
1.8
.070
1.5 DIA
.06 DIA
.16 ± .004
4.0 ± 0.1
2.0 ± 0.05
.079 ± .002
NOTE: REFER TO EIA-481 FOR DIMENSIONS
PACKAGING
178 mm REEL DIAMETER
8 mm TAPE WIDTH, 4 mm PITCH
QUANTITY: 1000 PIECES PER REEL
IN ACCORDANCE WITH EIA-481


Similar Part No. - R2520-16.000-10-3030-EXT

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
R2520-20.000-10-2020-TR RALTRON-R2520-20.000-10-2020-TR Datasheet
280Kb / 3P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
R2520-20.000-10-2020-TR RALTRON-R2520-20.000-10-2020-TR Datasheet
355Kb / 3P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results

Similar Description - R2520-16.000-10-3030-EXT

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
TT-SMDC-12.288-20 RALTRON-TT-SMDC-12.288-20 Datasheet
71Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-3.8912-20 RALTRON-H180A-3.8912-20 Datasheet
68Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-21.250-18 RALTRON-H180A-21.250-18 Datasheet
68Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H13A RALTRON-H13A Datasheet
63Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
List of Unclassifed Man...
H10S-18.432-18-F-3030-EXT ETC2-H10S-18.432-18-F-3030-EXT Datasheet
58Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Abracon Corporation
ABSM3B ABRACON-ABSM3B_15 Datasheet
2Mb / 4P
   Surface Mount Microprocessor Crystal
04.30.15
logo
Raltron Electronics Cor...
R2520 RALTRON-R2520 Datasheet
280Kb / 3P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H160A RALTRON-H160A Datasheet
138Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
L16A RALTRON-L16A Datasheet
32Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
RH100 RALTRON-RH100_17 Datasheet
251Kb / 3P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-16.9344-20 RALTRON-H180A-16.9344-20 Datasheet
68Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com