Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5V0F6U8LP47B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # D5V0F6U8LP47B
Description  58V UNIDIRECTIONAL TVS DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0F6U8LP47B Datasheet(HTML) 4 Page - Diodes Incorporated

  D5V0F6U8LP47B Datasheet HTML 1Page - Diodes Incorporated D5V0F6U8LP47B Datasheet HTML 2Page - Diodes Incorporated D5V0F6U8LP47B Datasheet HTML 3Page - Diodes Incorporated D5V0F6U8LP47B Datasheet HTML 4Page - Diodes Incorporated D5V0F6U8LP47B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D58V0M4U8MR
Document number: DS36183 Rev. 2 - 2
4 of 5
www.diodes.com
April 2014
© Diodes Incorporated
D58V0M4U8MR
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SO-8
Dim
Min
Max
A
-
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
-
0.35
L
0.62
0.82

0
8
All Dimensions in mm
Dimensions Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
X
C1
C2
Y


Similar Part No. - D5V0F6U8LP47B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0F6U8LP33 DIODES-D5V0F6U8LP33 Datasheet
397Kb / 5P
   6 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F6U8LP33-7 DIODES-D5V0F6U8LP33-7 Datasheet
397Kb / 5P
   6 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - D5V0F6U8LP47B

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX02M3 YEASHIN-YSDAXX02M3 Datasheet
748Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY
logo
E-CMOS Corporation
ECCP05VU3-D7 E-CMOS-ECCP05VU3-D7 Datasheet
228Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY
logo
ON Semiconductor
SMDA05-6R2 ONSEMI-SMDA05-6R2 Datasheet
147Kb / 4P
   Unidirectional TVS Array
July, 2006 ??Rev. 3
logo
Shanghai Leiditech Elec...
LCC08DT LEIDITECH-LCC08DT Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD08DT3 LEIDITECH-LCD08DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD18DT3 LEIDITECH-LCD18DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD15DT3 LEIDITECH-LCD15DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD12DT3 LEIDITECH-LCD12DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD33DT3 LEIDITECH-LCD33DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD05DT3 LEIDITECH-LCD05DT3 Datasheet
129Kb / 3P
   UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com