Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QC16 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QC16
Description  1.2x1.6 4-Pad SMD Quartz Crystal Unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QC16 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QC16 Datasheet HTML 1Page - List of Unclassifed Manufacturers QC16 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QANTEK Technology Corporation
Phone: +1 877-227-0440 (tollfree)
www.qantek.com
Fax:
+1 877-227-0440 (tollfree)
info@qantek.com
QC16 Series
1.2x1.6 4-Pad SMD Quartz Crystal Unit
Features
• 1.2 x 1.6 x 0.4mm ultra miniature package
• Seam sealed ceramic package with metal lid
assures high precision and reliability
Mechanical Dimensions
Applications
• High density applications
• Modem, communication and test equipment
• PMCIA, wireless applications
• Automotive applications
Frequency Stability vs. Temperature
Operating Temperature
±15ppm
±20ppm
±25ppm
±30ppm
±50ppm
-20 to +70°C
™
™
™
™
˜
-40 to +85°C
™
™
™
™
™
˜
standard
™
available
General Specifications
Frequency Range
24.000 to 40.000MHz (Fundamental)
Frenquency Tolerance at 25°C
±15 to ±30ppm (±30ppm standard)
Frequency Stability over Temperature Range
See Stability vs. Temperature Table
Storage Temperature
-55 to +125°C
Aging per Year
±3ppm max.
Load Capacticance CL
7 to 32pF and Series Resonance
Shunt Capacticance C0
3.0pF
Equivalent Series Resistance (ESR)
See ESR Table
Drive Level
100μW max.
Insulation Resistance (M
Ω)
500 at 100Vdc ±15Vdc
Equivalent Series Resistance (ESR)
Frequency Range - MHz
Ω max.
Mode of Operation
24.000 to 31.999
120
Fundamental
32.000 to 38.399
100
38.400 to 40.000
80
Part Numbering Guide
Qantek
Code
Package
Nominal Frequency
(in MHz)
Vibration
Mode
Load
Capacitance
Operating Tem-
perature Range
Frequency
Tolerance
Frequency
Stability
Automotive
Indicator
Packaging
Q = Qantek
C16 = 1.2x1.6 4-Pad
= SMD
7 digits including the
decimal point
(f.ie. 12.0000)
F = AT-Fund
S = Series
08 = 8pF
12 = 12pF
18 = 18pF
20 = 20pF etc.
A = -20 to +70°C
B = -40 to +85°C
1 = ±15ppm
2 = ±20ppm
3 = ±25ppm
4 = ±30ppm
1 = ±15ppm
2 = ±20ppm
3 = ±25ppm
4 = ±30ppm
5 = ±50ppm
not available
M = 250pcs Tape&Reel
R = 1000pcs Tape&Reel
R3 = 3000pcs Tape&Reel
Example: QC1624.0000F12B45R
bold letters = recommended standard specification


Similar Part No. - QC16

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QC12L200C SCHNEIDER-QC12L200C Datasheet
114Kb / 2P
   METER MAIN RINGLESS OH/UG 200A
QC12L200CH SCHNEIDER-QC12L200CH Datasheet
57Kb / 2P
   METER MAIN RINGLESS HORN OH/UG 200A
QC12L200S SCHNEIDER-QC12L200S Datasheet
104Kb / 2P
   METERMAIN RINGLESS OH/UG 200A SURFACE
logo
Pulse A Technitrol Comp...
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-2 PULSE-QC1553-2 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
More results

Similar Description - QC16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QC5A ETC2-QC5A Datasheet
240Kb / 2P
   3.2x5.0 4-Pad SMD Quartz Crystal Unit
QC7A ETC2-QC7A Datasheet
243Kb / 2P
   5x7 4-Pad SMD Quartz Crystal Unit
QC6A ETC2-QC6A Datasheet
255Kb / 2P
   3.5x6.0 4-Pad SMD Quartz Crystal Unit
logo
Seiko Instruments Inc
SC-16S SII-SC-16S Datasheet
430Kb / 1P
   SMD Quartz Crystal Unit
SC-20S SII-SC-20S Datasheet
304Kb / 1P
   SMD Quartz Crystal Unit
SC-32S SII-SC-32S Datasheet
624Kb / 1P
   SMD Quartz Crystal Unit
SSP-T7-FL SII-SSP-T7-FL Datasheet
588Kb / 1P
   SMD Quartz Crystal Unit
SC-20T SII-SC-20T Datasheet
151Kb / 1P
   SMD Quartz Crystal Unit
SC-32A SII-SC-32A Datasheet
626Kb / 1P
   SMD Quartz Crystal Unit
SSP-T7-F SII-SSP-T7-F Datasheet
591Kb / 1P
   SMD Quartz Crystal Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com