Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q13MC1462000414 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # Q13MC1462000414
Description  kHz Range Crystal unit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q13MC1462000414 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  Q13MC1462000414 Datasheet HTML 1Page - List of Unclassifed Manufacturers Q13MC1462000414 Datasheet HTML 2Page - List of Unclassifed Manufacturers Q13MC1462000414 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Reflow profile
Pre Heating Temperature
Tp1 ~ Tp2 = + 170 °C
Heating Temperature
TMlt = + 220 °C
Peek Temperature
TMax. = + 260 °C
Point of measuring
In case of Solder ability
Terminal.
In case of Resistance to soldering heat
Surface.
Notice
Contact us
http://www5.epsondevice.com/en/contact/
t(time)
Tmlt
Tp2
Tp1
100s
+220ºC
+260ºC
TMax.
Temperature
35s
· This material is subject to change without notice.
· Any part of this material may not be reproduced or duplicated in any form or any means without the written
permission of Seiko Epson.
· The information about applied data,circuitry, software, usage, etc. written in this material is intended for
reference only.
Seiko Epson does not assume any liability for the occurrence of customer damage or infringing on any patent
or copyright of a third party.
This material does not authorize the licensing for any patent or intellectual copyrights.
· When exporting the products or technology described in this material, you should comply with the applicable
export control laws and regulations and follow the procedures required by such laws and regulations.
· You are requested not to use the products (and any technical information furnished, if any) for the development
and/or manufacture of weapon of mass destruction or for other military purposes. You are also requested that
you
would not make the products available to any third party who may use the products for such prohibited
purposes.
· These products are intended for general use in electronic equipment. When using them in specific applications
that require
extremely high reliability, such as the applications stated below, you must obtain permission from Seiko Epson
in advance.
/ Space equipment (artificial satellites, rockets, etc.)
/ Transportation vehicles and related (automobiles, aircraft, trains, vessels, etc.)
/ Medical instruments to sustain life
/ Submarine transmitters
/ Power stations and related
/ Fire work equipment and security equipment
/ Traffic control equipment
/ And others requiring equivalent reliability.
· All brands or product names mentioned herein are trademarks and/or registered trademarks of their respective.
3 Page


Similar Part No. - Q13MC1462000414

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q13MC1462000600 ETC2-Q13MC1462000600 Datasheet
133Kb / 3P
   kHz Range Crystal unit
Q13MC1462000601 ETC2-Q13MC1462000601 Datasheet
133Kb / 3P
   kHz Range Crystal unit
Q13MC146200060X ETC2-Q13MC146200060X Datasheet
133Kb / 3P
   kHz Range Crystal unit
Q13MC1462000611 ETC2-Q13MC1462000611 Datasheet
133Kb / 3P
   kHz Range Crystal unit
Q13MC1462000612 ETC2-Q13MC1462000612 Datasheet
133Kb / 3P
   kHz Range Crystal unit
More results

Similar Description - Q13MC1462000414

ManufacturerPart #DatasheetDescription
logo
Epson Company
FC-135R EPSON-FC-135R Datasheet
467Kb / 2P
   kHz RANGE CRYSTAL UNIT
FC1610AN EPSON-FC1610AN Datasheet
333Kb / 2P
   kHz RANGE CRYSTAL UNIT
MC-306 EPSON-MC-306 Datasheet
365Kb / 2P
   kHz RANGE CRYSTAL UNIT
logo
List of Unclassifed Man...
Q13MC1462000612 ETC2-Q13MC1462000612 Datasheet
133Kb / 3P
   kHz Range Crystal unit
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306_10 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
logo
List of Unclassifed Man...
MC-306 ETC2-MC-306 Datasheet
173Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306 Datasheet
354Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson Company
FC-13A EPSON-FC-13A Datasheet
369Kb / 2P
   kHz RANGE CRYSTAL UNIT For Automotive
MC-30A EPSON-MC-30A Datasheet
373Kb / 2P
   kHz RANGE CRYSTAL UNIT For Automotive
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com