Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H130B-18.432-18-3030-EXT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # H130B-18.432-18-3030-EXT
Description  SURFACE MOUNT MICROPROCESSOR CRYSTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H130B-18.432-18-3030-EXT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  H130B-18.432-18-3030-EXT Datasheet HTML 1Page - List of Unclassifed Manufacturers H130B-18.432-18-3030-EXT Datasheet HTML 2Page - List of Unclassifed Manufacturers H130B-18.432-18-3030-EXT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SURFACE MOUNT MICROPROCESSOR CRYSTAL
Page 3 of 3
TCXO
Page 3 of 3
SERIES H130B
R A L T R O N E L E C T R O N I C S  1 0 4 0 0 N . W . 3 3
r d ST R E E T  Mi a m i , F l o ri d a 3 3 1 7 2  U . S . A .
Telephone: 305-593-6033  Fax: 305-594-3973  e-mail: sales@raltron.com  web site: http://www.raltron.com
REFLOW PROFILE
Reflow profile (Reference IPC/JEDEC J-STD-020)
Temperature Min Preheat
TSMIN
150°C
Temperature Max Preheat
TSMAX
200°C
Time (TSMIN to TSMAX)
tS
60-180 sec.
Temperature
TL
217°C
Peak Temperature
TP
260°C
Ramp-up rate
RUP
3°C/sec max.
Ramp-down rate
RDOWN
6°C/sec max.
Time within 5°C of Peak Temperature
tP
10 sec.
Time t[25°C] to Peak Temperature
t[25°C] to Peak
480 sec.
Time
tL
60-150 sec.
ENVIRONMENTAL
PARAMETER
VALUE
MOISTURE SENSITIVITY LEVEL
1
RoHS
6/6 COMPLIANT & LEAD FREE
REACH SVHC
COMPLIANT
HALOGEN-FREE
COMPLIANT
ESD CLASSIFICATION LEVEL
N/A
TERMINATION FINISH
Au
UNIT WEIGHT (GRAMS)
0.048
NOVEMBER 2015
Temp.
[°C]
Time [sec]
TP
TL
TSMAX
TSMIN
Ramp-up
Ramp-down
Critical Zone
TL to TP
t[25°C] to Peak
tS Preheat
tL
tP


Similar Part No. - H130B-18.432-18-3030-EXT

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
H130B RALTRON-H130B Datasheet
132Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results

Similar Description - H130B-18.432-18-3030-EXT

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
TT-SMDC-12.288-20 RALTRON-TT-SMDC-12.288-20 Datasheet
71Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-3.8912-20 RALTRON-H180A-3.8912-20 Datasheet
68Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-21.250-18 RALTRON-H180A-21.250-18 Datasheet
68Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H13A RALTRON-H13A Datasheet
63Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
List of Unclassifed Man...
H10S-18.432-18-F-3030-EXT ETC2-H10S-18.432-18-F-3030-EXT Datasheet
58Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Abracon Corporation
ABSM3B ABRACON-ABSM3B_15 Datasheet
2Mb / 4P
   Surface Mount Microprocessor Crystal
04.30.15
logo
Raltron Electronics Cor...
R2520 RALTRON-R2520 Datasheet
280Kb / 3P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H160A RALTRON-H160A Datasheet
138Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
L16A RALTRON-L16A Datasheet
32Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
RH100 RALTRON-RH100_17 Datasheet
251Kb / 3P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-16.9344-20 RALTRON-H180A-16.9344-20 Datasheet
68Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com