Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

865060445005 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 865060445005
Description  WCAP-ASLL Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

865060445005 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  865060445005 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060445005 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060445005 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060445005 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060445005 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060445005 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060445005 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060445005 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-ASLL Aluminum Electrolytic
Capacitors
Order.- No.
865060445005
SIZE
A4
Size: 6.3 x 7.7
Component Marking:
Print
1st Line
2nd Line
3rd Line
Description
Capacitance value: 100 µF
Rated Voltage: 25
WCAP-ASLL & datecode: YWW
D2 Multiplier for Ripple Current vs. Frequency:
C [µF]/ Frequency [Hz]
C ≤ 10
10 < C
60 (50)
0.47
0.52
120
0.59
0.65
400
0.76
0.80
1000
0.85
0.85
10000
0.97
0.97
50000-100000
1.00
1.00
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 865060445005

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865060440001 WURTH-865060440001 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060442002 WURTH-865060442002 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060443003 WURTH-865060443003 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060443004 WURTH-865060443004 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
More results

Similar Description - 865060445005

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865060345007 WURTH-865060345007 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060453006 WURTH-865060453006 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060543003 WURTH-865060543003 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060643006 WURTH-865060643006 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060257009 WURTH-865060257009 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060140001 WURTH-865060140001 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060143004 WURTH-865060143004 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060143005 WURTH-865060143005 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060153010 WURTH-865060153010 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
1.0 2014-11-11
865060553007 WURTH-865060553007 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
1.0 2014-11-11
865060453008 WURTH-865060453008 Datasheet
761Kb / 9P
   WCAP-ASLL Aluminum Electrolytic Capacitors
002.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com