Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

865060345006 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 865060345006
Description  WCAP-ASLL Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

865060345006 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  865060345006 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060345006 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060345006 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060345006 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060345006 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060345006 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060345006 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 865060345006 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-ASLL Aluminum Electrolytic
Capacitors
Order.- No.
865060345006
SIZE
A4
Size: 6.3 x 7.7
1.1 Polarity
An Aluminum Electrolytic Capacitor has a polarity. In operation this polarity needs to be considered and adhered.
Reverse voltage can damage or destroy an Aluminum Electrolytic Capacitor. This can finally lead to a malfunction.
If the polarity in a circuit will be switched or possibly can be reversed, the usage of a non-polar capacitor shall be applied.
The polarity of an Aluminum Electrolytic Capacitor is for SMT V-Chip types marked like following.
On the top of the component the negative terminal is marked with a colored semicircle or bar.
1.2 Overvoltage
Avoid any overvoltage and do not apply a continuous overvoltage. If an overvoltage is applied to the capacitor, the leakage current can increa-
se drastically. The applied working voltage is not allowed to exceed the rated working voltage of the specific capacitor.
1.3 Operating Temperature
The capacitor shall not be operated above the operating temperature, which is stated within this datasheet of the specific capacitor. The
achievable lifetime of the capacitor is correlating to the applied temperature. In order to achieve the maximum lifetime, the capacitor should be
operated by the lowest possible temperature conditions within the application.
1.4 Ripple Current
The applied ripple current shall not exceed the specified maximum ripple current of the capacitor.
If a higher ripple current is applied as permitted, it can cause excessive heat generation and higher temperature inside the capacitor. This
happens due to pole change effects, if ripple current is applied to the capacitor. This can result in damage or lifetime shortage of the capacitor
and may cause deterioration.
Electrolytic capacitors are regularly not designed for usage in AC applications and ripple current is applied / based due to parasitic effects on
DC signal.
Please see electrical specification within this datasheet for maximum allowed ripple current.
1.5 Charge and Discharge
Frequent and quick charge / discharge cycles may generate heat inside the capacitor. In worst case this can cause a decrease of capacitance,
an increase of leakage current or breakdown.
Applications with rapid charge and discharge cycles should be avoided. For assistance with your application please consult our technical sup-
port.
1.6 Vent
On most Aluminum Electrolytic Types types, a predetermined breaking point is given on the top of the component, which is the so called vent.
The vent is there to assure a possible pressure relief and to avoid that the capacitor can explode due to internal pressure, which can occur by
applying reverse voltage or a too high ripple current.
A space of at least 3mm above the vent is recommended, in order to assure the full function of the vent. If less space is present the vent may-
be cannot operate correctly / completely.
1.7 Storage Conditions
The storage conditions for a capacitor are recommended to be 5 °C up to 35 °C and less than 75 % rel. humidity.
Do not expose the capacitor to environments with hazardous gas, ozone, ultraviolet rays or any kind of radiation. Avoid any contact of the ca-
pacitor with direct sunshine, saltwater, spray of water or types of oil during storage..
If a capacitor is stored for a long time without applying voltage or storage conditions of 35 °C or above and more than 75 % relative humidity,
the leakage current may increase.
The leakage current will return to normal level when applying the rated voltage to the capacitor before use. If the capacitor was stored for mo-
re than 6 months, it is recommended to apply DC working voltage to the capacitor for 30 minutes through a 1 kΩ protective series resistor.
All products shall be used before the end of the period of 12 months based on the product date code, if not a 100 % solderability cannot be
guaranteed. The capacitance tolerance as specified within the datasheet is only valid on the date of delivery.
1.8 Reflow Soldering
The detailed soldering instruction is given at H Soldering Specification in this datasheet.
1.9 Hand Soldering
Take care that the tip of solder iron will only contact pins or leadframe of the capacitor to avoid any possible damage of the capacitor
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WCAP-ASLL
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 865060345006

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865060345007 WURTH-865060345007 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
More results

Similar Description - 865060345006

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865060345007 WURTH-865060345007 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060453006 WURTH-865060453006 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060543003 WURTH-865060543003 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060643006 WURTH-865060643006 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060257009 WURTH-865060257009 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060140001 WURTH-865060140001 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060143004 WURTH-865060143004 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060143005 WURTH-865060143005 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
865060153010 WURTH-865060153010 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
1.0 2014-11-11
865060553007 WURTH-865060553007 Datasheet
1Mb / 8P
   WCAP-ASLL Aluminum Electrolytic Capacitors
1.0 2014-11-11
865060453008 WURTH-865060453008 Datasheet
761Kb / 9P
   WCAP-ASLL Aluminum Electrolytic Capacitors
002.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com