Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME20A1803Q01 Datasheet(PDF) 3 Page - SL Power Electronics

Part # ME20A1803Q01
Description  20W Single Output External Power Medical Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ME20A1803Q01 Datasheet(HTML) 3 Page - SL Power Electronics

  ME20A1803Q01 Datasheet HTML 1Page - SL Power Electronics ME20A1803Q01 Datasheet HTML 2Page - SL Power Electronics ME20A1803Q01 Datasheet HTML 3Page - SL Power Electronics ME20A1803Q01 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ME20
20W Single Output External Power
Medical Series
www.slpower.com
ME20 Rev 2.4
31-JAN-16
3
General Specifications (continued)
Output Voltage
See models chart on pg 1.
Temperature
Derating
Derate output power above 40°C to TBD at
50°C
Transient
Response
500
µs response time for return to within 0.5%
of final value for any 50% load step over the
range of 5% to 100% of rated load,
∆i/∆t<
0.2A/
µs. Max. voltage deviation is +/-3.5%.
Storage Temperature
-40°C to +85°C
Regulation
See models chart on pg 1.
Altitude
Operating: to 5000m.
Non-operating: -500 to 40,000 ft.
Drop Test
1.4m from table top to wooden platform, 4
faces.
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g/Hz, 1.5grms overall, 3
axes, 10 min/axis, 1-500Hz.
Non-Oper.: random waveform, 3 minutes per
axis, 3 axes and Sine waveform, Vib.
frequency/acceleration: 10-500Hz/1g, sweep
rate of 1 octave / minutes, Vibration time of 10
sweeps / axes, 3 axes
Shock
Operating: Half-sine, 20gpk, 10mS, 3 axes,
6 shocks total
Non-Operating: Half-sine waveform, impact
acceleration of 100G, Pulse duration of 6
mS, Number of shocks: 3 for each of the
three axis
Dimensions
See outline drawings
MTBF
>1.000,000 hours, full load, 110 & 220Vac
input, 25
°C amb., per Telcordia 332 Issue 6
(stress method).
Weight
TBDg
E-Cap Life
>7 year life based on calculations at
115Vac/60Hz & 230Vac/50Hz, ambient 25°C
at 24 hrs per day, 365 days/year, 6 power up
cycles per day.
All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.
EMI/EMC Compliance
Conducted Emissions:
EN55011/CISPR22 Class B, FCC Part 15.107, Class B: 6db margin typ, at 115 and 230Vac
Radiated Emissions:
EN55022/CISPR22 Class B, FCC Part 15.109, Class B: 3db margin typ, at 115 and 230Vac
Common Mode Noise:
High Frequency (100kHz-20MHz): <40mA pk-pk
Electro-Static Discharge (ESD)
Immunity on Power ports:
EN55024/IEC61000-4-2, Level 4: +/- 8kV contact, +/- 15kV air, Criteria A
IEC60601-1-2, 4
th Edition, Table 4
Radiated RF EM Fields Susceptibility
EN55022/EN61000-4-3, 10V/m, 80MHz-2.7GHz, 80% AM at 1kHz
IEC60601-1-2, 4
th Edition, Table 4
Electrical Fast Transients (EFT) /Bursts:
EN55024/IEC61000-4-4, Level 4, +/-4kV, 100Khz rep rate, 40A, Criteria A
IEC60601-1-2, 4
th Edition, Table 5
Surges, Line to Line (Diff Mode) and Line
to GND (CMN Mode)
EN55024/IEC61000-4-5, Level 4, +/-2kV DM, +/-4kV CM, Criteria A
Surpasses IEC60601-1-2, 4
th Edition requirements.
Conducted Disturbances induced by RF
Fields
EN55022/IEC61000-4-6, 3.6V/m – Level 4, 0.15 to 80Mhz; and 12V/m) in ISM and amateur
radio bands between 0.15Mhz and 80Mhz, 80% AM at 1KHz
IEC60601-1-2, 4
th Edition, Table 5
Rated Power frequency magnetic fields
EN55024/IEC1000-4-8, Level 4: 30 A/m, 50/60 Hz
IEC60601-1-2, 4th Edition, Table 4
Voltage Interruptions, Dips, Sags &
Surges
EN55024/IECEN61000-4-11: --100% dip for 20mS, Criteria A
--100% dip for 5000mS (250/300 cycles), Criteria B
--60% dip for 100mS, Criteria B
--30% dip for 500mS, Criteria A
IEC60601-1-2, 4th Edition, Table 5
Harmonic Current Emissions
EN55011/EN61000-3-2, Class A
Flicker Test
EN61000-3-3
All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.


Similar Part No. - ME20A1803Q01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME20A1803Q01 SLPOWER-ME20A1803Q01 Datasheet
592Kb / 5P
   20W Single Output External Power
More results

Similar Description - ME20A1803Q01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME20 SLPOWER-ME20_16 Datasheet
592Kb / 5P
   20W Single Output External Power
TE20 SLPOWER-TE20_16 Datasheet
743Kb / 5P
   15W-20W Single Output External Power
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
TE30 SLPOWER-TE30 Datasheet
764Kb / 5P
   20W-30W Single Output External Power
TE30 SLPOWER-TE30_16 Datasheet
757Kb / 5P
   20W-30W Single Output External Power
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
   40W Single Output External Power Medical Series
ME10 SLPOWER-ME10 Datasheet
655Kb / 4P
   10W-12W Single Output External Power Medical Series
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com