Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME40A2403Q01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # ME40A2403Q01
Description  40W Single Output External Power Medical Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ME40A2403Q01 Datasheet(HTML) 1 Page - SL Power Electronics

  ME40A2403Q01 Datasheet HTML 1Page - SL Power Electronics ME40A2403Q01 Datasheet HTML 2Page - SL Power Electronics ME40A2403Q01 Datasheet HTML 3Page - SL Power Electronics ME40A2403Q01 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ME40
40W Single Output External Power
Medical Series
www.slpower.com
ME40 Rev 1.4
31-JAN-16
PRELIMINARY
1
Features
Meets UL/EN/IEC60601-1-2, 4th edition for
EMC
*
Approved to EN/IEC/UL60601-1, 3rd edition
2 MOPP Input to Output Isolation
Meets DoE Efficiency Level VI Requirements
No load input power
Average Efficiency
Up to 40W of AC-DC Power
Universal Input 90-264Vac Input Range
Desktop and Wall-Plug versions
Meets EN55011/CISPR11, FCC Part 15.109
Class B Conducted & Radiated Emissions, with
6db margin
IP22 Rated Enclosure
E-cap life of >8 years
>1,000,000 hours MTBF
3 Year Warranty
Description
A high performance AC to DC external power supply family designed for medical applications. The ME40A Medical Series
low power external AC-DC power supplies are approved to safety EN/IEC/UL60601-1, 3rd edition with isolation levels
which satisfy the 2 MOPP requirements and designed to UL/EN/IEC60601-1-2, 4th edition for EMC
*. The ME40A Series
models will operate at universal input range of 90 to 264Vac over the wide temperature range of -20°C to +50°C,
delivering full rated output power up to +40°C and applicable output power derating at 50
°C. These models are available
in desktop and wall-plug versions, include an IP22 rating per IEC60529 for the enclosure, and output cable terminated at
a variety of output connectors.
*Consult Factory for Table 9 compliance information.
Model Selection
Model
Output
Output
Ripple &
Line
Load
Overvoltage
Output
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
Trip Range
Connector
Configuration
ME40A1203F01
12.0V
3.40A
40W
120mV pk-pk
±1%
±5%
120%-150%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class I Desktop,
IEC60320 C14
Receptacle
ME40A1803F01
18.0V
2.22A
40W
180mV pk-pk
±1%
±5%
120%-150%
ME40A2403F01
24.0V
1.70A
40W
240mV pk-pk
±1%
±5%
120%-140%
ME40A1203N01
12.0V
3.40A
40W
120mV pk-pk
±1%
±5%
120%-150%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Desktop,
IEC60320 C8
Receptacle
ME40A1803N01
18.0V
2.22A
40W
180mV pk-pk
±1%
±5%
120%-150%
ME40A2403N01
24.0V
1.70A
40W
240mV pk-pk
±1%
±5%
120%-140%
ME40A1203Q01
12.0V
3.40A
40W
120mV pk-pk
±1%
±5%
120%-150%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Desktop,
IEC60320 C18
Receptacle
ME40A1803Q01
18.0V
2.22A
40W
180mV pk-pk
±1%
±5%
120%-150%
ME40A2403Q01
24.0V
1.70A
40W
240mV pk-pk
±1%
±5%
120%-140%
ME40A1203B01
12.0V
3.40A
40W
120mV pk-pk
±1%
±5%
120%-150%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Wall-Plug,
Interchangeable
Blades
²
ME40A1803B01
18.0V
2.22A
40W
180mV pk-pk
±1%
±5%
120%-150%
ME40A2403B01
24.0V
1.70A
40W
240mV pk-pk
±1%
±5%
120%-140%
ME40A1203C01
12.0V
3.40A
40W
120mV pk-pk
±1%
±5%
120%-150%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Wall-Plug,
Fixed North
American Blades³
ME40A1803C01
18.0V
2.22A
40W
180mV pk-pk
±1%
±5%
120%-150%
ME40A2403C01
24.0V
1.70A
40W
240mV pk-pk
±1%
±5%
120%-140%
Notes:
1. Measured at the output connector, with noise probe directly across output and load terminated with 0.1μF ceramic and 10μF low ESR capacitors.
2. Standard models are fitted with North American blades. Order blade kit KT-1027K for other blades (EU. UK, Australia)
3. For EU fixed blades, replace “C” in the model number with “M”, for UK blades, replace “C” with “G”, for Australia blades, replace “C” with “H”.
4. All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.


Similar Part No. - ME40A2403Q01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME40A2403Q01 SLPOWER-ME40A2403Q01 Datasheet
483Kb / 4P
   40W Single Output External Power
More results

Similar Description - ME40A2403Q01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME40 SLPOWER-ME40_16 Datasheet
483Kb / 4P
   40W Single Output External Power
TE40 SLPOWER-TE40 Datasheet
751Kb / 4P
   40W Single Output External Power
TE40 SLPOWER-TE40_16 Datasheet
764Kb / 5P
   40W Single Output External Power
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
ME10 SLPOWER-ME10 Datasheet
655Kb / 4P
   10W-12W Single Output External Power Medical Series
logo
Astrodyne Corporation
BSM40 ASTRODYNE-BSM40 Datasheet
527Kb / 4P
   40W Single Output Class II Medical Power Supplies
logo
Mean Well Enterprises C...
GSM40 MEANWELL-GSM40 Datasheet
248Kb / 2P
   40W AC-DC Single Output Medical Type
GSM40A MEANWELL-GSM40A Datasheet
917Kb / 2P
   40W AC-DC Single Output Medical Type
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
   40W to 65W Medical AC-DC External Power Supplies
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com