Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSA223SP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSA223SP
Description  OptiMOS-P Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSA223SP Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSA223SP Datasheet HTML 1Page - Infineon Technologies AG BSA223SP Datasheet HTML 2Page - Infineon Technologies AG BSA223SP Datasheet HTML 3Page - Infineon Technologies AG BSA223SP Datasheet HTML 4Page - Infineon Technologies AG BSA223SP Datasheet HTML 5Page - Infineon Technologies AG BSA223SP Datasheet HTML 6Page - Infineon Technologies AG BSA223SP Datasheet HTML 7Page - Infineon Technologies AG BSA223SP Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002-08-26
Page 3
Preliminary data
BSA 223SP
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS≥2*ID *RDS(on)max ,
ID=-0.31A
0.35
0.7
-
S
Input capacitance
Ciss
VGS=0, VDS=-15V,
f=1MHz
-
45
56
pF
Output capacitance
Coss
-
21
26
Reverse transfer capacitance
Crss
-
17
22
Turn-on delay time
td(on)
VDD=-10V, VGS=-4.5V,
ID=-0.39A, RG =6Ω
-
3.8
5.7
ns
Rise time
tr
-
5
7.5
Turn-off delay time
td(off)
-
5.1
7.6
Fall time
tf
-
3.2
4.8
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=-10V, ID=-0.39A
-
-0.04
-0.05
nC
Gate to drain charge
Qgd
-
-0.4
-0.5
Gate charge total
Qg
VDD=-10V, ID=-0.39A,
VGS=0 to -4.5V
-
-0.5
-0.62
Gate plateau voltage
V(plateau) VDD=-10V, ID=-0.39A
-
-2.2
-2.7
V
Reverse Diode
Inverse diode continuous
forward current
IS
TA=25°C
-
-
-0.39
A
Inv. diode direct current, pulsed ISM
-
-
-1.56
Inverse diode forward voltage
VSD
VGS=0, IF=-0.39
-
-1
-1.33
V
Reverse recovery time
trr
VR=-10V, |IF | = |lD|,
diF/dt=100A/µs
-
7.6
9.5
ns
Reverse recovery charge
Qrr
-
1.1
1.4
nC


Similar Part No. - BSA223SP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BSA220C PULSE-BSA220C Datasheet
310Kb / 2P
   BASE STATION ANTENNAS
More results

Similar Description - BSA223SP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-04
BSL207SP INFINEON-BSL207SP_07 Datasheet
843Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-05
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-03
BSS223PW INFINEON-BSS223PW_06 Datasheet
391Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
BSO203SP INFINEON-BSO203SP Datasheet
92Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-06-03
BSL211SP INFINEON-BSL211SP_07 Datasheet
589Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSO303PH INFINEON-BSO303PH Datasheet
317Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.3 2010-02-10
BSO201SP INFINEON-BSO201SP Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-21
BSS209PW INFINEON-BSS209PW_06 Datasheet
284Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com