Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB65S12C Datasheet(PDF) 8 Page - SL Power Electronics

Part # MB65S12C
Description  65W Single Output Medical Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB65S12C Datasheet(HTML) 8 Page - SL Power Electronics

Back Button MB65S12C Datasheet HTML 2Page - SL Power Electronics MB65S12C Datasheet HTML 3Page - SL Power Electronics MB65S12C Datasheet HTML 4Page - SL Power Electronics MB65S12C Datasheet HTML 5Page - SL Power Electronics MB65S12C Datasheet HTML 6Page - SL Power Electronics MB65S12C Datasheet HTML 7Page - SL Power Electronics MB65S12C Datasheet HTML 8Page - SL Power Electronics MB65S12C Datasheet HTML 9Page - SL Power Electronics MB65S12C Datasheet HTML 10Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MB65S
65W Single Output
Medical Series
www.slpower.com
MB65S Aug -14
8
86.0%
87.0%
88.0%
89.0%
90.0%
91.0%
Load(% of rated)
115V 12V
230V 12V
115V 15V
230V 15V
115V 24V
230V 24V
115V 48V
230V 48V
86.0%
87.0%
88.0%
89.0%
90.0%
91.0%
92.0%
Load(% of rated)
115V 12V
230V 12V
115V 15V
230V 15V
115V 24V
230V 24V
115V 48V
230V 48V
6.3 Efficiency vs. Loading
The charts below detail the MB65 efficiency vs input voltage and output loading conditions at 25°C, 50°C and
70°C under de-rated power.
25°C ambient
50°C Ambient
70°C
Ambient
6.4 Ripple & Noise
Measured using a scope probe socket with 0.1µF ceramic and a 10µF electrolytic capacitor connected in
parallel across it. Bandwidth limit is 20MHz.
12V OUT, NO LOAD, 85VAC, 60HZ
12V OUT, FULL LOAD, 85VAC, 60HZ
86.0%
87.0%
88.0%
89.0%
90.0%
91.0%
Load(% of rated)
115V 12V
230V 12V
115V 15V
230V 15V
115V 24V
230V 24V
115V 48V


Similar Part No. - MB65S12C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB650XXX FUJITSU-MB650XXX Datasheet
904Kb / 18P
   AV CMOS SEREIS GATE ARRAYS
MB650XXX FUJITSU-MB650XXX Datasheet
1Mb / 22P
   CMOS Gate Array
logo
Murata Manufacturing Co...
MB65101BAN MURATA-MB65101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB65101BBN MURATA-MB65101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB65101CAN MURATA-MB65101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB65S12C

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
   65W Single Output Medical Type
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
   65W Single Output Medical Type
MPS-65 MEANWELL-MPS-65_11 Datasheet
339Kb / 2P
   65W Single Output Medical Type
RPS-65 MEANWELL-RPS-65 Datasheet
102Kb / 4P
   65W Single Output Medical Type
logo
Astrodyne Corporation
MPS65 ASTRODYNE-MPS65 Datasheet
348Kb / 4P
   65W Single Output for Medical Type
MPS-65 ASTRODYNE-MPS-65 Datasheet
1Mb / 6P
   65W Single Output for Medical Type
logo
SL Power Electronics
MINT1065 SLPOWER-MINT1065 Datasheet
353Kb / 3P
   65W Single Output Series
MINT1065D SLPOWER-MINT1065D Datasheet
409Kb / 3P
   65W Single Output Series
logo
Mean Well Enterprises C...
MPT-65_1112 MEANWELL-MPT-65_1112 Datasheet
355Kb / 2P
   65W Triple Output Medical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com