Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB60S24K Datasheet(PDF) 5 Page - SL Power Electronics

Part # MB60S24K
Description  60W Single Output Medical Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB60S24K Datasheet(HTML) 5 Page - SL Power Electronics

  MB60S24K Datasheet HTML 1Page - SL Power Electronics MB60S24K Datasheet HTML 2Page - SL Power Electronics MB60S24K Datasheet HTML 3Page - SL Power Electronics MB60S24K Datasheet HTML 4Page - SL Power Electronics MB60S24K Datasheet HTML 5Page - SL Power Electronics MB60S24K Datasheet HTML 6Page - SL Power Electronics MB60S24K Datasheet HTML 7Page - SL Power Electronics MB60S24K Datasheet HTML 8Page - SL Power Electronics MB60S24K Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MB60S
60W Single Output
Medical Series
www.slpower.com
MB60S 6-July-15
5
Mechanical Drawing
Connector Information
Input Connector
J100
DC Output
Connector
J2
Ground
(FG)
PIN 1) AC LINE
PIN 2) EMPTY
PIN 3) AC NEUTRAL
PIN 1) +Vout
PIN 3) -Vout
PIN 2) +Vout
PIN 4) -Vout
19-30258-0187 (Keystone 1285)
(Zierick 895)(.187*0.020)
Mating Connector:
Tyco/AMP 640250-3
Pins = 770461-1
Mating Connector:
AMP 640250-4
Pins = 770461-1
Mating Connector
Molex 19002-0005
1.
Mounting holes should be connected together for EMI purpose
2.
FG is safety ground connection
3.
This power supply requires mounting on metal standoffs 0.20” (5mm) in height


Similar Part No. - MB60S24K

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB60-8GM50-E2 PF-MB60-8GM50-E2 Datasheet
207Kb / 2P
   Magnetic field sensor
MB60-8GM50-E2-V3 PF-MB60-8GM50-E2-V3 Datasheet
253Kb / 2P
   Magnetic field sensor
logo
Mitel Networks Corporat...
MB6010 MITEL-MB6010 Datasheet
8Kb / 2P
   Product Summary Prototyping Kits
logo
Mechatronics, Inc.
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
   UL94V-0 PBT impeller & frame
More results

Similar Description - MB60S24K

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
   60W Single Output Medical Type
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
   60W Single Output Medical Type
RPS-60 MEANWELL-RPS-60_11 Datasheet
298Kb / 2P
   60W Single Output Medical Type
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
RPD-60 MEANWELL-RPD-60_11 Datasheet
422Kb / 2P
   60W Dual Output Medical Type
RPT-60 MEANWELL-RPT-60_11 Datasheet
789Kb / 3P
   60W Triple Output Medical Type
RPT-60 MEANWELL-RPT-60_12 Datasheet
821Kb / 3P
   60W Triple Output Medical Type
RPD-60 MEANWELL-RPD-60_12 Datasheet
437Kb / 2P
   60W Dual Output Medical Type
RPD-60 MEANWELL-RPD-60 Datasheet
411Kb / 2P
   60W Dual Output Medical Type
RPT-60 MEANWELL-RPT-60 Datasheet
777Kb / 3P
   60W Triple Output Medical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com