Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM1285BESAT Datasheet(PDF) 6 Page - Silicon Laboratories

Part # TSM1285BESAT
Description  A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM1285BESAT Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button TSM1285BESAT Datasheet HTML 2Page - Silicon Laboratories TSM1285BESAT Datasheet HTML 3Page - Silicon Laboratories TSM1285BESAT Datasheet HTML 4Page - Silicon Laboratories TSM1285BESAT Datasheet HTML 5Page - Silicon Laboratories TSM1285BESAT Datasheet HTML 6Page - Silicon Laboratories TSM1285BESAT Datasheet HTML 7Page - Silicon Laboratories TSM1285BESAT Datasheet HTML 8Page - Silicon Laboratories TSM1285BESAT Datasheet HTML 9Page - Silicon Laboratories TSM1285BESAT Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TSM1285
Page 6
TSM1285 Rev. 1.0
Internal Reference Output vs Supply Voltage
Power Supply Current vs Power Supply Voltage
Power Supply Current vs Temperature
2.494
2.496
2.498
2.5
2.502
2.506
1.4
1.2
1
0.5
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = +3V; fSCLK = 4.8MHz; CLOAD = 20pF; 4.7
μF capacitor at REF; TA = 25ºC, unless otherwise noted.
POWER SUPPLY VOLTAGE - Volt
TEMPERATURE - ºC
-15
35
60
85
10
-40
POWER SUPPLY VOLTAGE - Volt
2.7
3.06
3.24
3.42
2.88
3.6
TEMPERATURE - ºC
-15
35
60
85
10
-40
0.8
0.6
CODE = 1111 1111 1111
RLOAD = ∞
CLOAD = 10pF
CONVERTING
SCLK = 4.8MHz
STATIC
1.2
1.1
0.9
0.5
0.8
0.6
STATIC, VDD = 3V
CONVERTING, VDD = 3V
2.504
Internal Reference Output vs Temperature
2.498
2.5
2.502
2.504
2.506
2.510
2.508
2.7
3.06
3.24
3.42
2.88
3.6
1.3
1.1
0.7
0.9
1
0.7


Similar Part No. - TSM1285BESAT

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSM1205D TRACOPOWER-TSM1205D Datasheet
1Mb / 7P
   DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
TSM1205S TRACOPOWER-TSM1205S Datasheet
1Mb / 7P
   DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
TSM1209S TRACOPOWER-TSM1209S Datasheet
1Mb / 7P
   DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
More results

Similar Description - TSM1285BESAT

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003 Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Silicon Laboratories
TS7003 SILABS-TS7003 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003_1 Datasheet
963Kb / 14P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
   8-Bit, 300ksps, Serial Output ADC Family
logo
Maxim Integrated Produc...
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
logo
ams AG
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
AS1530 AMSCO-AS1530_1 Datasheet
1Mb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
logo
Maxim Integrated Produc...
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com