Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM6025AEUR Datasheet(PDF) 8 Page - Silicon Laboratories

Part # TSM6025AEUR
Description  A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM6025AEUR Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button TSM6025AEUR Datasheet HTML 2Page - Silicon Laboratories TSM6025AEUR Datasheet HTML 3Page - Silicon Laboratories TSM6025AEUR Datasheet HTML 4Page - Silicon Laboratories TSM6025AEUR Datasheet HTML 5Page - Silicon Laboratories TSM6025AEUR Datasheet HTML 6Page - Silicon Laboratories TSM6025AEUR Datasheet HTML 7Page - Silicon Laboratories TSM6025AEUR Datasheet HTML 8Page - Silicon Laboratories TSM6025AEUR Datasheet HTML 9Page - Silicon Laboratories TSM6025AEUR Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TSM6025
Page 8
TSM6025 Rev. 1.0
Output Voltage Hysteresis
Reference output voltage thermal hysteresis is the
change in the reference’s +25°C output voltage after
temperature cycling from +85°C to +25°C and from -
40°C to +25°C. Thermal hysteresis is caused by
differential package stress impressed upon the
TSM6025’s internal bandgap core transistors and
depends on whether the reference IC was previously
at a higher or lower temperature. At 130ppm, the
TSM6025’s typical temperature hysteresis is equal
to 0.33mV with respect to a 2.5V output voltage.
Voltage Reference Turn-On Time
With a (VIN – VOUT) voltage differential larger than
200mV and ILOAD = 0mA, the TSM6025’s typical
combined turn-on and settling time to within 0.1% of
its 2.5V final value is approximately 340
μs.
A Positive and Negative Low-Power Voltage
Reference
The circuit in Figure 1 uses a CD4049 hex inverter
and a few external capacitors as the power supply to
a dual-supply precision op amp to form a ±2.5V
precision, bipolar output voltage reference around
the TSM6025. The CD4049-based circuit is a
discrete charge pump voltage doubler/inverter that
generates ±6V supplies for any industry-standard
OP-07 or equivalent precision op amp.
Figure 1: Positive and Negative 2.5V References from a Single +3V or +5V Supply


Similar Part No. - TSM6025AEUR

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM6025 TOUCHSTONE-TSM6025 Datasheet
656Kb / 9P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
More results

Similar Description - TSM6025AEUR

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM6025 TOUCHSTONE-TSM6025 Datasheet
656Kb / 9P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
Analog Devices
REF-43 AD-REF-43 Datasheet
498Kb / 12P
   2.5V Low Power Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MAX6023 MAXIM-MAX6023 Datasheet
279Kb / 13P
   Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Rev 2; 12/02
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
Zetex Semiconductors
ZRT025 ZETEX-ZRT025 Datasheet
162Kb / 4P
   2.5V LOW POWER PRECISION REFERENCE SOURCE
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com