Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM1285BCSAT Datasheet(PDF) 1 Page - Silicon Laboratories

Part # TSM1285BCSAT
Description  A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM1285BCSAT Datasheet(HTML) 1 Page - Silicon Laboratories

  TSM1285BCSAT Datasheet HTML 1Page - Silicon Laboratories TSM1285BCSAT Datasheet HTML 2Page - Silicon Laboratories TSM1285BCSAT Datasheet HTML 3Page - Silicon Laboratories TSM1285BCSAT Datasheet HTML 4Page - Silicon Laboratories TSM1285BCSAT Datasheet HTML 5Page - Silicon Laboratories TSM1285BCSAT Datasheet HTML 6Page - Silicon Laboratories TSM1285BCSAT Datasheet HTML 7Page - Silicon Laboratories TSM1285BCSAT Datasheet HTML 8Page - Silicon Laboratories TSM1285BCSAT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TSM1285
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
FEATURES
 Alternate Source for MAX1285 and higher-speed
upgrade to MAX1240 and MAX1241
 Single-Supply Operation: +2.7V to +3.6V
 DNL & INL: ±1LSB (max)
 300ksps Sampling Rate
 Low Conversion-Mode Supply Current:
2.5mA @ 300ksps
 Low Supply Current in Shutdown: 2µA
 Internal Track-and-Hold
 Internal +2.5V Reference
 SPI®/QSPI™/MICROWIRE™ 3-Wire Serial-
Interface1
 8-Pin SOIC Package
APPLICATIONS
Process Control and Factory Automation
Data and Low-frequency Signal Acquisition
Portable Data Logging
Pen Digitizers & Tablet Computers
Medical Instrumentation
Battery-powered Instruments
1 SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National
Semiconductor Corporation.
DESCRIPTION
The TSM1285 – a single-supply, single-channel, 12-
bit analog-to-digital converter (ADC) - is an alternate
source for the MAX1285 and a higher-speed upgrade
to the MAX1240 and MAX1240 ADCs. The TSM1285
combines a high-bandwidth track-and-hold (T/H), a
high-speed serial digital interface, an internal +2.5V
reference,
and
low
conversion-mode
power
consumption. The TSM1285 operates from a single
+2.7V to+3.6V supply and draws less than 2.5mA at
300ksps.
Connecting directly to any SPI, QSPI, MICROWIRE™
microcontrollers
and
other
interface-compatible
computing devices, the TSM1285’s 3-wire serial
interface is easy to use and doesn’t require separate,
external logic. An external serial-interface clock
controls the TSM1285’s conversion process and its
output shift register operation.
In PCB-space-conscious, low-power remote-sensor
and data-acquisition applications, the TSM1285 is an
excellent choice for its low-power, ease-of-use, and
small-package-footprint attributes.
The
TSM1285BC
is
fully
specified
over
the
0°C to +70°C temperature range. TSM1285BE is fully
specified over the -40°C to +85°C temperature range.
Both products are available in a 8-pin SOIC package.
A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - TSM1285BCSAT

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSM1205D TRACOPOWER-TSM1205D Datasheet
1Mb / 7P
   DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
TSM1205S TRACOPOWER-TSM1205S Datasheet
1Mb / 7P
   DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
TSM1209S TRACOPOWER-TSM1209S Datasheet
1Mb / 7P
   DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
More results

Similar Description - TSM1285BCSAT

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003 Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Silicon Laboratories
TS7003 SILABS-TS7003 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003_1 Datasheet
963Kb / 14P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
   8-Bit, 300ksps, Serial Output ADC Family
logo
Maxim Integrated Produc...
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
logo
ams AG
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
AS1530 AMSCO-AS1530_1 Datasheet
1Mb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
logo
Maxim Integrated Produc...
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com