Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS12012ITD1022 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # TS12012ITD1022
Description  Nanopower Op Amp, Comparator, and Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12012ITD1022 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button TS12012ITD1022 Datasheet HTML 6Page - Silicon Laboratories TS12012ITD1022 Datasheet HTML 7Page - Silicon Laboratories TS12012ITD1022 Datasheet HTML 8Page - Silicon Laboratories TS12012ITD1022 Datasheet HTML 9Page - Silicon Laboratories TS12012ITD1022 Datasheet HTML 10Page - Silicon Laboratories TS12012ITD1022 Datasheet HTML 11Page - Silicon Laboratories TS12012ITD1022 Datasheet HTML 12Page - Silicon Laboratories TS12012ITD1022 Datasheet HTML 13Page - Silicon Laboratories TS12012ITD1022 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TS12011/TS12012
Page 10
TS12011/12 Rev. 1.0
change, the comparator stays active and waits for the
crossing, at which point it will latch in its final state.
An internal POR circuit ensures that the latch powers
up in the “comparator active” state if LHDET
is low
when VDD is first applied.
Latch Truth Table – TS12011
LHDET
CMPOUT
initial
state
CMPIN+
to CMPIN-
difference
voltage
CMPOUT
HIGH
X
N/A
Normal
operation
LOW
HIGH
X
HIGH
(latched)
LOW
LOW
negative
LOW
(comparator
active)
LOW
LOW
positive
HIGH
(latched)
X = Don’t Care
Latch Truth Table – TS12012
LHDET
CMPOUT
initial
state
CMPIN+
to CMPIN-
difference
voltage
CMPOUT
HIGH
X
N/A
Normal
operation
LOW
LOW
X
LOW
(latched)
LOW
HIGH
positive
HIGH
(comparator
active)
LOW
HIGH
negative
LOW
(latched)
X = Don’t Care
Reference
The TS12011 and TS12012 on-board 0.58V ±4.5%
reference voltage can source and sink 0.1µA and
0.1µA of current and can drive a capacitive load less
than 50pF and greater than 50nF with a maximum
capacitive load of 250nF. The higher the capacitive
load, the lower the noise on the reference voltage
and the longer the time needed for the reference
voltage to respond and become available on the
REFOUT pin. With a 250nF capacitive load, the
reference voltage will settle to within specifications in
approximately 20ms.
Op Amp
The TS12011 and TS12012 have a unity-gain stable
op-amp with a GBWP of 15kHz, a slew rate of 6V/ms,
and can drive a capacitive load up to 50pF. The
common mode input voltage range extends from VSS
to VDD and the input bias current and offset current
are less than 20nA and 2nA, respectively.
Op-Amp Stability
The TS12011 and TS12012 op-amp is able to drive
up to 50pF of capacitive load and still maintain
stability in a unity-gain configuration with a 15kHz
GBWP and a phase margin of 70 degrees with a
100k
Ω//20pF output load.
Though the TS12011 and TS12012 address low
frequency applications, it is essential to perform good
layout techniques in order to minimize board leakage
and stray capacitance, which is of a concern in low
power, high impedance circuits. For instance, a
10M
Ω resistor coupled with a 1pF stray capacitance
can lead to a pole at approximately 15kHz, which is
the GBWP of the device. If stray capacitance is
unavoidable, a feedback capacitor can be placed in
parallel with the feedback resistor.
APPLICATIONS INFORMATION
Comparator Hysteresis
As a result of circuit noise or unintended parasitic
feedback, many analog comparators often break into
oscillation within their linear region of operation
especially when the applied differential input voltage
approaches 0V (zero volt). Externally-introduced
hysteresis
is
a
well-established
technique
for
stabilizing analog comparator behavior and requires
external components. As shown in Figure 1, adding
comparator hysteresis creates two trip points: VTHR
(for the rising input voltage) and VTHF (for the falling
input voltage). The hysteresis band (VHB) is defined
as the voltage difference between the two trip points.
When a comparator’s input voltages are equal,
hysteresis effectively forces one comparator input to
move quickly past the other input, moving the input
out of the region where oscillation occurs. Figure 1
illustrates the case in which an IN- input is a fixed
voltage and an IN+ is varied. If the input signals were
reversed, the figure would be the same with an
inverted output. To save cost and external pcb area,
an internal ±7.5mV hysteresis circuit was added to
the TS12011 and TS12012.


Similar Part No. - TS12012ITD1022

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS12012ITD1022T TOUCHSTONE-TS12012ITD1022T Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
TS12012ITD1022TP TOUCHSTONE-TS12012ITD1022TP Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
More results

Similar Description - TS12012ITD1022

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS12011 TOUCHSTONE-TS12011 Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com