Electronic Components Datasheet Search |
|
TS12001 Datasheet(PDF) 6 Page - Silicon Laboratories |
|
TS12001 Datasheet(HTML) 6 Page - Silicon Laboratories |
6 / 11 page TS12001 Page 6 TS12001 Rev. 1.0 PIN FUNCTIONS PIN NAME FUNCTION 1 VIN Positive Supply Voltage. Connect a 0.1µF bypass capacitor from this pin to analog VSS/GND. 2 SET External UVLO Trip Threshold Set Pin. When this pin is set to VSS, the internal preset 0.78V UVLO trip threshold controls the comparator output. When the applied voltage to this pin is higher than 90mV, the SET pin sets the trip threshold and controls the comparator output. If the SET pin is not used, connect the pin to to VSS. 3 NC No Connection 4 VSS Negative Supply Voltage. 5 LHDET Latch Enable Pin. When LHDET is set HIGH, the outputs of the comparator will toggle normally based on the inputs to the comparator. When LHDET is set LOW and COUTPP is HIGH, COUTPP will remain HIGH despite any changes to the input of the comparator. COUTPP will once again respond to changes to the input when LHDET is toggled HIGH. If COUTPP is initially LOW and the LHDET is then LOW, COUTPP will stay LOW. If a LOW-to-HIGH transition occurs on COUTPP, COUTPP will switch to HIGH and stay HIGH and not respond to any changes at the input. The LHDET pin must always be set to a known state. For unlatched comparator operation, set LHDET to HIGH. The open-drain output (COUTOD) is the inverted version of the COUTPP output. 6 REFOUT 0.58V Reference Output 7 NC No Connection 8 COUTOD Comparator Open-Drain Output 9 COUTPP Comparator Push-Pull Output 10 OVDD Output Driver Positive Supply Voltage. Connect a 0.1µF bypass capacitor from this pin to analog VSS/GND. EP ---- Exposed paddle is electrically connected to VSS/GND. |
Similar Part No. - TS12001 |
|
Similar Description - TS12001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |