Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3004 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # TS3004
Description  Single Resistor Sets Output Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3004 Datasheet(HTML) 5 Page - Silicon Laboratories

  TS3004 Datasheet HTML 1Page - Silicon Laboratories TS3004 Datasheet HTML 2Page - Silicon Laboratories TS3004 Datasheet HTML 3Page - Silicon Laboratories TS3004 Datasheet HTML 4Page - Silicon Laboratories TS3004 Datasheet HTML 5Page - Silicon Laboratories TS3004 Datasheet HTML 6Page - Silicon Laboratories TS3004 Datasheet HTML 7Page - Silicon Laboratories TS3004 Datasheet HTML 8Page - Silicon Laboratories TS3004 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TS3004
TS3004 Rev. 1.0
Page 5
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 3V, VPWM_CNTRL= VDD, RSET = 4.32MΩ, RLOAD(FOUT) = Open Circuit, CLOAD(FOUT) = 0pF, CLOAD(PWM) = 0pF, CPWM = VDD, FDIV2:0 = 000
unless otherwise noted. Values are at TA = 25°C unless otherwise noted.
SUPPLY CURRENT - µA
0%
Supply Current Distribution
1.95
5%
10%
15%
20%
25%
30%
35%
1.97
1.99
2.01
FOUT and PWMOUT
VDD = 3V, CLOAD = 15pF, VPWM CNTRL= VDD, CPWM = 47pF
5µs/DIV
FOUT and PWMOUT
VDD = 5V, CLOAD = 15pF, VPWM CNTRL= VDD, CPWM = 47pF
5µs/DIV
FOUT
VDD = 3V, CLOAD = 15pF
5µs/DIV
FOUT
VDD = 5V, CLOAD = 15pF
5µs/DIV
RSET - MΩ
2
4
40
0
100
Period vs RSET
0
6
60
80
20
8
10
12
120


Similar Part No. - TS3004

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
logo
Silicon Laboratories
TS3004 SILABS-TS3004 Datasheet
935Kb / 3P
   LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M000QFNR SEMTECH-TS30041-M000QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M015QFNR SEMTECH-TS30041-M015QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results

Similar Description - TS3004

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3005 SILABS-TS3005 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com