Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1109-200IDT833 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # TS1109-200IDT833
Description  Overcurrent and Undercurrent Detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1109-200IDT833 Datasheet(HTML) 4 Page - Silicon Laboratories

  TS1109-200IDT833 Datasheet HTML 1Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 2Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 3Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 4Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 5Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 6Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 7Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 8Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2.2 Current Sense Amplifier + Output Buffer
The internal configuration of the TS1109 bidirectional current-sense amplifier is a variation of the TS1101 bidirectional current-sense
amplifier. The TS1109 current-sense amplifier is configured for fully differential input/output operation.
Referring to the block diagram, the inputs of the TS1109’s differential input/output amplifier are connected to RS+ and RS– across an
external RSENSE resistor that is used to measure current. At the non-inverting input of the current-sense amplifier, the applied voltage
difference in voltage between RS+ and RS– is ILOAD x RSENSE. Since the RS– terminal is the non-inverting input of the internal op-amp,
the current-sense op-amp action drives PMOS[1/2] to drive current across RGAIN[A/B] to equalize voltage at its inputs.
Thus, since the M1 PMOS source is connected to the inverting input of the internal op-amp and since the voltage drop across RGAINA is
the same as the external VSENSE, the M1 PMOS’ drain-source current is equal to:
IDS(M 1) =
VSENSE
RGAINA
IDS(M 1) =
ILOAD × RSENSE
RGAINA
The drain terminal of the M1 PMOS is connected to the transimpedance amplifier’s gain resistor, ROUT, via the inverting terminal. The
non-inverting terminal of the transimpedance amplifier is internally connected to VBIAS, therefore the output voltage of the TS1109 at
the OUT terminal is:
VOUT = VBIAS − ILOAD × RSENSE ×
ROUT
RGAINA
When the voltage at the RS– terminal is greater than the voltage at the RS+ terminal, the external VSENSE voltage drop is impressed
upon RGAINB. The voltage drop across RGAINB is then converted into a current by the M2 PMOS. The M2 PMOS drain-source current is
the input current for the NMOS current mirror which is matched with a 1-to-1 ratio. The transimpedance amplifier sources the M2 PMOS
drain-source current for the NMOS current mirror. Therefore, the output voltage of the TS1109 at the OUT terminal is:
VOUT = VBIAS + ILOAD × RSENSE ×
ROUT
RGAINB
When M1 is conducting current (VRS+ > VRS–), the TS1109’s internal amplifier holds M2 OFF. When M2 is conducting current (VRS– >
VRS+), the internal amplifier holds M1 OFF. In either case, the disabled PMOS does not contribute to the resultant output voltage.
The current-sense amplifier’s gain accuracy is therefore the ratio match of ROUT to RGAIN[A/B]. For each of the two gain options availa-
ble, The following table lists the values for RGAIN[A/B].
Table 2.1. Internal Gain Setting Resistors (Typical Values)
GAIN (V/V)
RGAIN[A/B] (Ω)
ROUT (Ω)
Part Number
20
2 k
40 k
TS1109-20
200
200
40 k
TS1109-200
The TS1109 allows access to the inverting terminal of the transimpedance amplifier by the FILT pin, whereby a series RC filter may be
connected to reduce noise at the OUT terminal. The recommended RC filter is 4 kΩ and 0.47 µF connected in series from FILT to GND
to suppress the noise. Any capacitance at the OUT terminal should be minimized for stable operation of the buffer.
TS1109 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 3


Similar Part No. - TS1109-200IDT833

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1109-200IDT833

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EMD-SL-C-UC-10 PHOENIX-EMD-SL-C-UC-10 Datasheet
145Kb / 6P
   Undercurrent monitoring
logo
Maxim Integrated Produc...
MAX16550EVKIT MAXIM-MAX16550EVKIT Datasheet
764Kb / 12P
   Detection and Isolation of Severe Overcurrent in Less than 5關s
Rev 2; 8/20
logo
Rohm
BV1HALA5EFJ ROHM-BV1HALA5EFJ Datasheet
1Mb / 43P
   34 V Breakdown Voltage Variable Overcurrent Detection 1ch Load Switch
15.May.2020 Rev.001
BV1HAL85EFJ ROHM-BV1HAL85EFJ Datasheet
1Mb / 43P
   34 V Breakdown Voltage Variable Overcurrent Detection 1ch Load Switch
11.May.2020 Rev.001
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
logo
AVAGO TECHNOLOGIES LIMI...
ACS710KLATR-25CB-T AVAGO-ACS710KLATR-25CB-T Datasheet
461Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
SEC Electronics Inc.
SC210KSIT SECELECTRONICS-SC210KSIT Datasheet
1Mb / 13P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com