Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1109-200IDT833 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # TS1109-200IDT833
Description  Overcurrent and Undercurrent Detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1109-200IDT833 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button TS1109-200IDT833 Datasheet HTML 6Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 7Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 8Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 9Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 10Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 11Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 12Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 13Page - Silicon Laboratories TS1109-200IDT833 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Table 3.5. Absolute Maximum Limits
Parameter
Symbol
Conditions
Min
Typ
Max
Units
RS+ Voltage
VRS+
–0.3
27
V
RS– Voltage
VRS–
–0.3
27
V
Supply Voltage
VDD
–0.3
6
V
OUT Voltage
VOUT
–0.3
6
V
SIGN Voltage
VSIGN
–0.3
6
V
FILT Voltage
VFILT
–0.3
6
V
VBIAS Voltage
VVBIAS
–0.3
VDD + 0.3
V
RS+ to RS– Voltage
VRS+ – VRS–
27
V
Short Circuit Duration: OUT to GND
Continuous
Continuous Input Current (Any Pin)
–20
20
mA
Junction Temperature
150
°C
Storage Temperature Range
–65
150
°C
Lead Temperature (Soldering, 10 s)
300
°C
Soldering Temperature (Reflow)
260
°C
ESD Tolerance
Human Body Model
2000
V
Machine Model
200
V
TS1109 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 9


Similar Part No. - TS1109-200IDT833

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1109-200IDT833

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EMD-SL-C-UC-10 PHOENIX-EMD-SL-C-UC-10 Datasheet
145Kb / 6P
   Undercurrent monitoring
logo
Maxim Integrated Produc...
MAX16550EVKIT MAXIM-MAX16550EVKIT Datasheet
764Kb / 12P
   Detection and Isolation of Severe Overcurrent in Less than 5關s
Rev 2; 8/20
logo
Rohm
BV1HALA5EFJ ROHM-BV1HALA5EFJ Datasheet
1Mb / 43P
   34 V Breakdown Voltage Variable Overcurrent Detection 1ch Load Switch
15.May.2020 Rev.001
BV1HAL85EFJ ROHM-BV1HAL85EFJ Datasheet
1Mb / 43P
   34 V Breakdown Voltage Variable Overcurrent Detection 1ch Load Switch
11.May.2020 Rev.001
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
logo
AVAGO TECHNOLOGIES LIMI...
ACS710KLATR-25CB-T AVAGO-ACS710KLATR-25CB-T Datasheet
461Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
SEC Electronics Inc.
SC210KSIT SECELECTRONICS-SC210KSIT Datasheet
1Mb / 13P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com