Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1108-200IQT1633 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # TS1108-200IQT1633
Description  Portable/Battery-Powered Systems
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1108-200IQT1633 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button TS1108-200IQT1633 Datasheet HTML 5Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 6Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 7Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 8Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 9Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 10Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 11Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 12Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
3. Electrical Charaviscteristics
Table 3.1. Recommended Operating Conditions1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
System Specifications
Operating Voltage Range
VDD
1.7
5.25
V
Common-Mode Input Range
VCM
VRS+, Guaranteed by CMRR
2
27
V
Note:
1. All devices 100% production tested at TA = +25 °C. Limits over Temperature are guaranteed by design and characterization.
Table 3.2. DC Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
System Specifications
No Load Input Supply Current
IRS+ + IRS–
See Note 2
0.68
1.2
μA
IVDD
1.93
2.88
μA
Current Sense Amplifier
Common Mode Rejection Ra-
tio
CMRR
2 V < VRS+ < 27 V
120
130
dB
Input Offset Voltage3
VOS
TA = +25 °C
±100
±150
μV
–40 °C < TA < +85 °C
±200
μV
VOS Hysteresis4
VHYS
TA = +25 °C
10
μV
Gain
G
TS1108-20
20
V/V
TS1108-200
200
V/V
Positive Gain Error5
GE+
TA = +25 °C
±0.1
±0.6
%
–40 °C < TA < +85 °C
±1
%
Negative Gain Error5
GE–
TA = +25 °C
±0.6
±1
%
–40 °C < TA < +85 °C
±1.4
%
Gain Match5
GM
TA = +25 °C
±0.6
±1
%
–40 °C < TA < +85 °C
±1.4
%
Transfer Resistance
ROUT
From FILT to OUT
28
40
52
CSA Buffer
Input Bias Current
IBuffer_BIAS
0.5
nA
Input referred DC Offset
VBuffer_OS
±2.5
mV
Offset Drift
TCVBuffer_OS
–40 °C < TA < +85 °C
0.6
μV/°C
Input Common Mode Range
VBuffer_CM
0.2
VDD – 0.2
V
CSA Sign Comparator
TS1108 Data Sheet
Electrical Charaviscteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 8


Similar Part No. - TS1108-200IQT1633

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1108-200IQT1633

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
logo
Union Semiconductor, In...
UM8517P UNIONSEMI-UM8517P Datasheet
157Kb / 5P
   Battery-Powered Portable Equipments
logo
Renesas Technology Corp
ISL88705 RENESAS-ISL88705 Datasheet
912Kb / 16P
   Portable/Battery Powered Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com