Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1107 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # TS1107
Description  Power Management Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1107 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button TS1107 Datasheet HTML 6Page - Silicon Laboratories TS1107 Datasheet HTML 7Page - Silicon Laboratories TS1107 Datasheet HTML 8Page - Silicon Laboratories TS1107 Datasheet HTML 9Page - Silicon Laboratories TS1107 Datasheet HTML 10Page - Silicon Laboratories TS1107 Datasheet HTML 11Page - Silicon Laboratories TS1107 Datasheet HTML 12Page - Silicon Laboratories TS1107 Datasheet HTML 13Page - Silicon Laboratories TS1107 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Table 3.3. AC Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CSA Buffer
Output Settling time
tOUT_s
1% Final value,
VOUT = 1.3 V
Gain = 20 V/V
1.35
msec
Sign Comparator
Propagation Delay
tSIGN_PD
VSENSE = ±1 mV
3
msec
VSENSE = ±10 mV
0.4
msec
Comparator
Rising Propagation Delay
tC_PDR
Overdrive = 10 mV, CCOUT = 15 pF
9
μs
Comparator Hysteresis
VC_HYS
CIN– falling
20
mV
FET Control (TS1110 Only)
FET Turn ON Time
TFET(ON)
See Note 2
0.255
μs
Note:
1. RS+ = RS– = 3.6 V, VSENSE = (VRS+ – VRS–) = 0 V, VDD = 3 V, VBIAS = 1.5 V. TA = TJ = –40 °C to +85 °C unless otherwise
noted. Typical values are at TA = +25 °C.
2. Delay after comparator is triggered. Refer to FET ON Time vs. Gate Capacitance graph.
Table 3.4. Thermal Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Temperature Range
TOP
–40
+85
°C
TS1107/10 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 9


Similar Part No. - TS1107

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1107

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1105 SILABS-TS1105 Datasheet
1Mb / 19P
   Power Management Systems
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com