Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37702M2LXXXHP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M37702M2LXXXHP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37702M2LXXXHP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M37702M2LXXXHP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37702M2LXXXHP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37702M2LXXXHP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37702M2LXXXHP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37702M2LXXXHP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37702M2LXXXHP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37702M2LXXXHP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37702M2LXXXHP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M37702M2LXXXHP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
MITSUBISHI MICROCOMPUTERS
M37702M2LXXXGP, M37702S1LGP
M37702M2LXXXHP, M37702S1LHP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
TIMING REQUIREMENTS (VCC = 2.7 to 5.5 V, VSS = 0 V, Ta = 25 °C, f(XIN) = 8 MHz, unless otherwise noted)
Limits
Symbol
Parameter
Unit
tC
tW(H)
tW(L)
tr
tf
External clock input cycle time
External clock input high-level pulse width
External clock input low-level pulse width
External clock rise time
External clock fall time
ns
ns
ns
ns
ns
External clock input
Min.
125
50
50
Max.
20
20
Limits
Symbol
Parameter
Unit
tsu(P0D–E)
tsu(P1D–E)
tsu(P2D–E)
tsu(P3D–E)
tsu(P4D–E)
tsu(P5D–E)
tsu(P6D–E)
tsu(P7D–E)
tsu(P8D–E)
th(E–P0D)
th(E–P1D)
th(E–P2D)
th(E–P3D)
th(E–P4D)
th(E–P5D)
th(E–P6D)
th(E–P7D)
th(E–P8D)
Port P0 input setup time
Port P1 input setup time
Port P2 input setup time
Port P3 input setup time
Port P4 input setup time
Port P5 input setup time
Port P6 input setup time
Port P7 input setup time
Port P8 input setup time
Port P0 input hold time
Port P1 input hold time
Port P2 input hold time
Port P3 input hold time
Port P4 input hold time
Port P5 input hold time
Port P6 input hold time
Port P7 input hold time
Port P8 input hold time
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Single-chip mode
Min.
300
300
300
300
300
300
300
300
300
0
0
0
0
0
0
0
0
0
Max.
Limits
Symbol
Parameter
Unit
tsu(P1D–E)
tsu(P2D–E)
tsu(RDY–
φ1)
tsu(HOLD–
φ1)
th(E–P1D)
th(E–P2D)
th(
φ1–RDY)
th(
φ1–HOLD)
Port P1 input setup time
Port P2 input setup time
____
RDY input setup time
_____
HOLD input setup time
Port P1 input hold time
Port P2 input hold time
____
RDY input hold time
_____
HOLD input hold time
ns
ns
ns
ns
ns
ns
ns
ns
Memory expansion mode and microprocessor mode
Min.
80
80
90
90
0
0
0
0
Max.


Similar Part No. - M37702M2LXXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37702M2LXXXHP RENESAS-M37702M2LXXXHP Datasheet
278Kb / 21P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37702M2LXXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com