Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4020BPHP Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB4020BPHP
Description  TUSB4020BPHP Evaluation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB4020BPHP Datasheet(HTML) 3 Page - Texas Instruments

  TUSB4020BPHP Datasheet HTML 1Page - Texas Instruments TUSB4020BPHP Datasheet HTML 2Page - Texas Instruments TUSB4020BPHP Datasheet HTML 3Page - Texas Instruments TUSB4020BPHP Datasheet HTML 4Page - Texas Instruments TUSB4020BPHP Datasheet HTML 5Page - Texas Instruments TUSB4020BPHP Datasheet HTML 6Page - Texas Instruments TUSB4020BPHP Datasheet HTML 7Page - Texas Instruments TUSB4020BPHP Datasheet HTML 8Page - Texas Instruments TUSB4020BPHP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
Hardware Overview
2
Hardware Overview
The TUSB4020B EVM board hardware can be divided into six functional areas:
2.1
TUSB4020BPHP
The TUSB4020B EVM (U2 on the schematic) operates as a functional interconnect between an upstream
connection to a USB host or hub and up to two directly connected downstream devices or hubs. More
devices and hubs can be supported if arranged in tiers. The TUSB4020B is capable of supporting
operation at High-Speed (HS), Full Speed (FS) or Low Speed (LS). In general, the speed of the upstream
connection of the TUSB4020B EVM limits the downstream connections to that speed (HS and FS) or
lower.
The TUSB4020B requires a 24-MHz low ESR crystal, Y1 with a 1-M
Ω feedback resistor. The crystal
should be fundamental mode with a load capacitance of 12 pF – 24 pF and a frequency stability rating of
±100 PPM or better. To ensure a proper startup oscillation condition, a maximum crystal equivalent series
resistance (ESR) of 50
Ω is recommended.
The TUSB4020B can also use an oscillator or other clock source. When using an external clock source
such as an oscillator, the reference clock should have ±100 PPM (or better) frequency stability and have
less than 50-ps absolute peak-to-peak jitter (or less) than 25-ps peak-to-peak jitter after applying the USB
3.0 jitter transfer function.
2.2
USB Port Connectors
VBUS is received from the upstream host or hub on J3. The TUSB4020B is configured as a self-powered
hub, so there is not any significant current draw by the EVM from VBUS. The TUSB4020B does monitor
the VBUS input after filtering through a resistor divider network of a 90.9-k
Ω, 1% resistor, R9, and a 10-
k
Ω, 1% resistor, R10. VBUS cannot be directly connected to the TUSB4020B device. A bulk capacitor of
at least 1
μF is required on the upstream port VBUS input to comply with the USB specification. The
TUSB4020BEVM uses a 10-
μF capacitor, C8.
VBUS, sourced by the 5-V wall power input, J5, is provided to the downstream port connectors. The USB
2.0 specification limits the current consumption of a USB 2.0 device to 500 mA at 5 V. The current limiting
parameter of the TPS2561 device, U3, is configured to 2.2 A to avoid any spurious overcurrent events due
to bus-powered HDD spin-up power fluctuations or unnecessary limiting during USB charging. A
production implementation could place stricter limits on this power consumption. An overcurrent event on
any of the downstream port connectors will be reported to the TUSB4020B via the OVERCURxZ inputs.
2.2.1
USB Port Connector – Noise Filtering
Each downstream VBUS output has a 150-
μF bulk capacitor (C49, C51) as recommended by the
TPS2561 data manual (SLVS930) to prevent in-rush current events on the downstream devices. In
addition, there are ferrite beads and small capacitors on the VBUS lines to reduce noise and address
ESD/EMI concerns.
The TUSB4020BEVM also implements optional isolation using two small noise filtering capacitors and a 1-
M
Ω resistor between the earth ground of each connector and the digital ground of the EVM, this is not a
requirement but should be used if ground isolation is desired.
2.3
Optional Serial EEPROM
Each TUSB4020BEVM is equipped with an onboard EEPROM/socket placeholder, U1. A small I2C
EEPROM can be installed to set the configuration registers as defined in the TUSB4020B data manual. In
its default setting, the EVM does not have an EEPROM installed and instead uses the configuration inputs
to determine any optional settings of the TUSB4020B.
The EEPROM interface defaults to programmable (not write-protected) so that any installed EEPROM’s
contents may be modified to test various settings. If an EEPROM data change is required, the values may
be changed using the register access methods outlined in the TUSB4020B data sheet (#NUM#). In
addition, a Microsoft® Windows® based EEPROM utility is available upon request.
3
SLLU219 – June 2015
TUSB4020BPHP Evaluation Module
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TUSB4020BPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4020BI TI1-TUSB4020BI Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI TI1-TUSB4020BI Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
TUSB4020BIPHP TI1-TUSB4020BIPHP Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BIPHPQ1 TI1-TUSB4020BIPHPQ1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results

Similar Description - TUSB4020BPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
[Old version datasheet]   EVALUATION MODULE
logo
Recom International Pow...
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
   Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
   Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
   Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
   Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
   Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Texas Instruments
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
[Old version datasheet]   Evaluation module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com