Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53513EVM-587 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS53513EVM-587
Description  High Performance 8-A Single Synchronous Step-Down Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53513EVM-587 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS53513EVM-587 Datasheet HTML 4Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 5Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 6Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 7Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 8Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 9Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 10Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 11Page - Texas Instruments TPS53513EVM-587 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Configurations
www.ti.com
Test Procedure
Line/Load Regulation and Efficiency Measurement Procedure
1. Set up EVM as described in the Test Setup section and Figure 3.
2. Ensure Load is set to constant resistance mode and to sink 0 A
DC.
3. Ensure all jumpers set per the Configurations section.
4. Ensure the jumper provided in the EVM shorts on J2 before V
IN is applied.
5. Increase V
IN from 0 V to 12 V. Using V1 to measure input voltage.
6. Remove the jumper on J2 to enable the controller.
7. Use V2 to measure V
OUT voltage
8. Vary load from 0 A
DC to 10 ADC, VOUT must remain in load regulation.
9. Vary V
IN from 8 V to 14 V, VOUT must remain in line regulation.
10. Put the jumper on J2 to disable the converter.
11. Decrease load to 0 A.
12. Decrease V
IN to 0 V.
Control Loop Gain and Phase Measurement Procedure
TPS53513EVM-PWR587 contains a 10-
Ω series resistor in the feedback loop for loop response analysis.
1. Set up EVM as described in the Test Setup section and Figure 3.
2. Connect isolation transformer to test points marked TP5 and TP8.
3. Connect input signal amplitude measurement probe (channel A) to TP10. Connect output signal
amplitude measurement probe (channel B) to TP11.
4. Connect ground lead of channel A and channel B to TP15.
5. Inject around 20-mV or less signal through the isolation transformer.
6. Sweep the frequency from 100 Hz to 1 MHz with 10 Hz or lower post filter. The control loop gain and
phase margin can be measured.
7. Disconnect isolation transformer from bode plot test points before making other measurements (Signal
injection into feedback may interfere with accuracy of other measurements).
8
High Performance 8-A Single Synchronous Step-Down Converter Using the
SLUUAQ0B – October 2013 – Revised February 2014
TPS53513EVM-PWR587
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated


Similar Part No. - TPS53513EVM-587

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53513 TI1-TPS53513 Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
TPS53513RVER TI1-TPS53513RVER Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
TPS53513RVET TI1-TPS53513RVET Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
More results

Similar Description - TPS53513EVM-587

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53515EVM-587 TI-TPS53515EVM-587 Datasheet
476Kb / 20P
[Old version datasheet]   High Performance 12-A, Single-Synchronous, Step-Down Converter
logo
uPI Group Inc.
UP9625 UPI-UP9625 Datasheet
352Kb / 16P
   Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
UP9620 UPI-UP9620 Datasheet
338Kb / 16P
   Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
UP6019 UPI-UP6019 Datasheet
287Kb / 14P
   High Performance Single Synchronous Step-Up Converter
UP6020 UPI-UP6020 Datasheet
206Kb / 12P
   High Performance,Single Synchronous Step-Up Converter
logo
Texas Instruments
TPS54428 TI1-TPS54428_16 Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
logo
uPI Group Inc.
UP6018P UPI-UP6018P Datasheet
338Kb / 14P
   20W High Performance Single Synchronous Step-Up Converter
UP6018Q UPI-UP6018Q Datasheet
707Kb / 14P
   20W High Performance Single Synchronous Step-Up Converter
UP6018 UPI-UP6018 Datasheet
338Kb / 14P
   20W High Performance Single Synchronous Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com