Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFY450 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFY450
Description  HiRel NPN Silicon RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFY450 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFY450 Datasheet HTML 1Page - Infineon Technologies AG BFY450 Datasheet HTML 2Page - Infineon Technologies AG BFY450 Datasheet HTML 3Page - Infineon Technologies AG BFY450 Datasheet HTML 4Page - Infineon Technologies AG BFY450 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BFY450
Semiconductor Group
3 of 5
Draft B, September 99
Electrical Characteristics (continued)
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 90mA, VCE = 3 V, f = 1.0 GHz
IC = 90mA, VCE = 3 V, f = 2.0 GHz
fT
18
-
22
17
-
-
GHz
Collector-base capacitance
VCB = 2 V, VBE = vbe = 0, f = 1 MHz
CCB
-
0.42
0.9
pF
Collector-emitter capacitance
VCE = 2 V, VBE = vbe = 0, f = 1 MHz
CCE
-
1.27
2.6
pF
Emitter-base capacitance
VEB = 0.5V, VCB = vcb = 0, f = 1 MHz
CEB
-2.0
3
pF
Noise Figure
IC = 10 mA, VCE = 2 V, f = 1.8 GHz,
ZS = Zsopt
F
-
1.25
2.0
dB
Insertion power gain
IC = 50 mA, VCE = 2 V, f = 1.8 GHz
ZS = ZL = 50
|S21e|
2
8.0
12
-
dB
Power gain
IC = 50 mA, VCE = 2 V, f = 1.8 GHz
ZS = ZSopt , ZL = ZLopt
Gma
1.)
-
16.0
-
dB
1dB Compression point
IC = 50 mA, VCE = 2 V, f = 1.8 GHz
ZS = ZSopt , ZL = ZLopt
P-1dB
-19
-
dBm
Notes.:
1)
G
S
S
kk
ma =−
21
12
1
2
() ,
G
S
S
ms =
21
12


Similar Part No. - BFY450

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFY450 INFINEON-BFY450 Datasheet
146Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY450 INFINEON-BFY450_11 Datasheet
146Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
More results

Similar Description - BFY450

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFY420 INFINEON-BFY420 Datasheet
406Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY193 INFINEON-BFY193_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY182 INFINEON-BFY182 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 1999
BFY183 INFINEON-BFY183 Datasheet
42Kb / 5P
   HiRel NPN Silicon RF Transistor
Jul. 0101
BFY196 INFINEON-BFY196 Datasheet
437Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY182 INFINEON-BFY182_11 Datasheet
148Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY420 INFINEON-BFY420_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405 Datasheet
434Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY183 INFINEON-BFY183_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY180 INFINEON-BFY180 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com