Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC32MZ2048EFH144 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC32MZ2048EFH144
Description  PIC32MZ EC and PIC32MZ EF Bluetooth짰 Audio 144-pin to 100-pin TQFP Plug-In Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ2048EFH144 Datasheet(HTML) 5 Page - Microchip Technology

  PIC32MZ2048EFH144 Datasheet HTML 1Page - Microchip Technology PIC32MZ2048EFH144 Datasheet HTML 2Page - Microchip Technology PIC32MZ2048EFH144 Datasheet HTML 3Page - Microchip Technology PIC32MZ2048EFH144 Datasheet HTML 4Page - Microchip Technology PIC32MZ2048EFH144 Datasheet HTML 5Page - Microchip Technology PIC32MZ2048EFH144 Datasheet HTML 6Page - Microchip Technology PIC32MZ2048EFH144 Datasheet HTML 7Page - Microchip Technology PIC32MZ2048EFH144 Datasheet HTML 8Page - Microchip Technology PIC32MZ2048EFH144 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
 2015 Microchip Technology Inc.
DS50002342A-page 5
PIC32MZ2048ECH144, PIC32MZ2048EFH144
FIGURE 1:
100-PIN PIM SOCKET SCHEMATIC
W23
23
W20
20
W17
17
W14
14
W11
11
W8
8
W5
5
W2
2
Y3
53
Y6
56
Y9
59
Y12
62
Y15
65
Y18
68
Y21
71
Y24
74
W24
24
W25
25
W21
21
W18
18
W22
22
W19
19
W15
15
W12
12
W16
16
W13
13
W9
9
W6
6
W10
10
W7
7
W3
3
W4
4
W1
1
Y2
52
Y1
51
Y5
55
Y8
58
Y4
54
Y7
57
Y11
61
Y14
64
Y10
60
Y13
63
Y17
67
Y20
70
Y16
66
Y19
69
Y23
73
Y22
72
Y25
75
U1A
Bluetooth PIM Header
GPIO_12/STBY/RST
LCD1_DB5
LCD1_DB6
LCD_DB7
SW1
GPIO_22/I2S2_BCLK
GPIO_13/AN(A)
GPIO_30/SS1
GPIO_24/I2S2_LRCL
LCD_RESET
GPIO_15/SS2
MCLR
ACC_ID_SEL
ACC_PWR
GPIO_21/UART2_RTS
OVERCURRENT
GPIO_29/AN(E)
GPIO_27/SP12_SDI
GPIO_25/I2S2_SDO
GPIO_17
SELECT
ALERT
LED1
GPIO_5/I2S1_MCLK
GPIO_23/AN(D)
IPOD_VBUS
LED2
OSCO
OSCIN
GPIO_6/I2S1_BCLK
GPIO_11/SPI1_SDI
GPIO_8/I2S1_LRCL
I2C2_SCL
GPIO_7/I2C1_SDA
GPIO_10/I2C1_SCL
PIC32_D+
PIC32_D-
5V_SW_DIG
GPIO_9/I2S1_SDO
FLASH_CS
I2C2_SDA
LCD1/CS
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
GPIO_20/UART2_CTS


Similar Part No. - PIC32MZ2048EFH144

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MZ MICROCHIP-PIC32MZ Datasheet
829Kb / 30P
   PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
07/14/15
PIC32MZ1025W104 MICROCHIP-PIC32MZ1025W104 Datasheet
15Mb / 692P
   PIC32MZ1025W104 MCU and WFI32E01 Module with Wi-Fi® and Hardware-based Security Accelerator Data Sheet
Revision A / September 2020
PIC32MZ1025W104132-I/NX MICROCHIP-PIC32MZ1025W104132-I/NX Datasheet
15Mb / 692P
   PIC32MZ1025W104 MCU and WFI32E01 Module with Wi-Fi® and Hardware-based Security Accelerator Data Sheet
Revision A / September 2020
PIC32MZW1 MICROCHIP-PIC32MZW1 Datasheet
15Mb / 692P
   PIC32MZ1025W104 MCU and WFI32E01 Module with Wi-Fi® and Hardware-based Security Accelerator Data Sheet
Revision A / September 2020
More results

Similar Description - PIC32MZ2048EFH144

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33EP512MU810 MICROCHIP-DSPIC33EP512MU810 Datasheet
461Kb / 10P
   dsPIC33EP512MU810 and PIC24EP512GU810 100-pin TQFP to 100-pin Plug-In Module (PIM)
2011
DSPIC33EP512GM710 MICROCHIP-DSPIC33EP512GM710 Datasheet
177Kb / 6P
   dsPIC33EP512GM710 100-Pin TQFP to 100-Pin Plug-In Module (PIM) Information Sheet
11/29/12
PIC32MX570F512L MICROCHIP-PIC32MX570F512L Datasheet
155Kb / 8P
   PIC32MX570F512L 100-pin to 100-pin TQFP CAN-USB Plug-In Module (PIM) Information Sheet
03/25/14
PIC32MX270F256D MICROCHIP-PIC32MX270F256D Datasheet
183Kb / 8P
   PIC32MX270F256D Bluetooth짰 Audio 44-pin to 100-pinTQFP Plug-In Module (PIM) Information Sheet
03/25/14
PIC32MX270F512L MICROCHIP-PIC32MX270F512L Datasheet
186Kb / 6P
   PIC32MX270F512L Bluetooth짰 Audio 100-pin to 100-pinTQFPPlug-In Module (PIM) Information Sheet
03/25/14
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV Datasheet
108Kb / 12P
   144-pin TQFP (117 user I/O pins)
logo
List of Unclassifed Man...
PA16C64-QD-03 ETC2-PA16C64-QD-03 Datasheet
39Kb / 1P
   44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
PA17C42-QD-03 ETC2-PA17C42-QD-03 Datasheet
30Kb / 1P
   44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
logo
Renesas Technology Corp
M3T-FLX-144NSE RENESAS-M3T-FLX-144NSE Datasheet
290Kb / 1P
   Converter for Connecting 160-core Flexible Board FLX160 to 144-pin 0.5mm-pitch TQFP
logo
List of Unclassifed Man...
WT32-A-AI ETC2-WT32-A-AI Datasheet
317Kb / 2P
   WT32 Bluetooth짰 Audio Module?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com