Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUCLEO-F446RE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NUCLEO-F446RE
Description  STM32 Nucleo-64 boards
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NUCLEO-F446RE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NUCLEO-F446RE Datasheet HTML 1Page - List of Unclassifed Manufacturers NUCLEO-F446RE Datasheet HTML 2Page - List of Unclassifed Manufacturers NUCLEO-F446RE Datasheet HTML 3Page - List of Unclassifed Manufacturers NUCLEO-F446RE Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ordering information
NUCLEO-XXXXRX
2/4
DocID025838 Rev 7
1
Ordering information
Table 2 lists the order codes and the respective targeted MCU.
The meaning of NUCLEO-TXXXRY codification is as follows:
TXXX describes the STM32 MCU product line
R describes the pin count (R for 64 pins)
Y describes the code size (8 for 64K, B for 128K, C for 256K, E for 512K, G for 1MB, Z
for 192K)
The order code is printed on a sticker placed at the top or bottom side of the board.
Table 2. Ordering information
Order code
Targeted MCU
NUCLEO-F030R8
STM32F030R8T6
NUCLEO-F070RB
STM32F070RBT6
NUCLEO-F072RB
STM32F072RBT6
NUCLEO-F091RC
STM32F091RCT6
NUCLEO-F103RB
STM32F103RBT6
NUCLEO-F302R8
STM32F302R8T6
NUCLEO-F303RE
STM32F303RET6
NUCLEO-F334R8
STM32F334R8T6
NUCLEO-F401RE
STM32F401RET6
NUCLEO-F410RB
STM32F410RBT6
NUCLEO-F411RE
STM32F411RET6
NUCLEO-F446RE
STM32F446RET6
NUCLEO-L053R8
STM32L053R8T6
NUCLEO-L073RZ
STM32L073RZT6
NUCLEO-L152RE
STM32L152RET6
NUCLEO-L476RG
STM32L476RGT6


Similar Part No. - NUCLEO-F446RE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NUCLEO-F446RE STMICROELECTRONICS-NUCLEO-F446RE Datasheet
263Kb / 5P
   STM32 Nucleo-64 board
NUCLEO-F446RE STMICROELECTRONICS-NUCLEO-F446RE Datasheet
406Kb / 6P
   STM32 Nucleo-64 boards
December 2017 Rev 10
NUCLEO-F446RE STMICROELECTRONICS-NUCLEO-F446RE Datasheet
8Mb / 5P
   SPI display expansion board for STM32 Nucleo
Rev 1 - August 2020
NUCLEO-F446RE STMICROELECTRONICS-NUCLEO-F446RE Datasheet
1Mb / 7P
   STM32 Nucleo-64 boards
Rev 14 - October 2020
NUCLEO-F446RE STMICROELECTRONICS-NUCLEO-F446RE Datasheet
237Kb / 4P
   STM32 Nucleo-64 boards
July 2015
More results

Similar Description - NUCLEO-F446RE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V02 Datasheet
237Kb / 4P
   STM32 Nucleo-64 boards
July 2015
logo
List of Unclassifed Man...
UM1724 ETC2-UM1724 Datasheet
1Mb / 65P
   STM32 Nucleo-64 boards
logo
STMicroelectronics
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX Datasheet
406Kb / 6P
   STM32 Nucleo-64 boards
December 2017 Rev 10
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V01 Datasheet
1Mb / 7P
   STM32 Nucleo-64 boards
Rev 14 - October 2020
logo
List of Unclassifed Man...
UM1956 ETC2-UM1956 Datasheet
781Kb / 31P
   STM32 Nucleo-32 boards
logo
STMicroelectronics
X-NUCLEO-GFX01M2 STMICROELECTRONICS-X-NUCLEO-GFX01M2 Datasheet
922Kb / 5P
   SPI display expansion boards for STM32 Nucleo-64
NUCLEO-XXXXZX STMICROELECTRONICS-NUCLEO-XXXXZX Datasheet
1Mb / 9P
   STM32 Nucleo-144 boards
24-Jun-2021 14
NUCLEO-L4P5ZG STMICROELECTRONICS-NUCLEO-L4P5ZG Datasheet
1Mb / 8P
   STM32 Nucleo-144 boards
Rev 11 - November 2019
NUCLEO-F030R8 STMICROELECTRONICS-NUCLEO-F030R8 Datasheet
263Kb / 5P
   STM32 Nucleo-64 board
logo
List of Unclassifed Man...
UM1974 ETC2-UM1974 Datasheet
2Mb / 62P
   STM32 Nucleo-144 board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com