Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC900 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 5 Page - Texas Instruments

  DLPC900 Datasheet HTML 1Page - Texas Instruments DLPC900 Datasheet HTML 2Page - Texas Instruments DLPC900 Datasheet HTML 3Page - Texas Instruments DLPC900 Datasheet HTML 4Page - Texas Instruments DLPC900 Datasheet HTML 5Page - Texas Instruments DLPC900 Datasheet HTML 6Page - Texas Instruments DLPC900 Datasheet HTML 7Page - Texas Instruments DLPC900 Datasheet HTML 8Page - Texas Instruments DLPC900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
Initialization Pin Functions
PIN
I/O
CLK
I/O TYPE
DESCRIPTION
POWER
SYSTEM
NAME
NUMBER
Power-On Sense is an active high signal with hysteresis, that
is generated from an external voltage monitor circuit. This
signal should be driven active high when all the controller
I4
supply voltages have reached 90% of their specified
POSENSE
P22
VDD33
Async
H
minimum voltage. This signal should be driven inactive low
after the falling edge of PWRGOOD as shown in Figure 2
Power Up and Power Down timing requirements. See also
System Power-Up Sequence.
Power Good is an active high signal with hysteresis that is
provided from an external voltage monitor circuit. A high
value indicates all power is within operating voltage
specifications and the system is safe to exit its RESET state.
A transition from high to low is used to indicate that the
DLPC900 and DMD supply voltage will drop below their rated
minimum level. This transition must occur prior to the supply
voltage drop as specified. During this interval, POSENSE
must remain active high. PWRGOOD serves as an early
I4
warning of an imminent power loss condition. A DMD park
PWRGOOD
T26
VDD33
Async
H
followed by a full controller reset is performed by the
DLPC900 to protect the DMD. The minimum de-assertion
time is used to protect the input from glitches. After the park
sequence is complete, the DLPC900 will be held in its
RESET state as long as PWRGOOD is low. PWRGOOD
must be driven high for normal operation. The DLPC900 will
acknowledge PWRGOOD as active once it’s been driven
high for its specified minimum time. See Figure 2 Power Up
and Power Down timing requirements. See also System
Power-Up Sequence.
General purpose active low reset output signal. This output is
driver low immediately after POSENSE is externally driven
low, placing the system in RESET and remains low while
POSENSE remains low. EXT_ARSTZ will continue to be
EXT_ARSTZ
T24
VDD33
O2
Async
held low after POSENSE is driven high and released by the
controller firmware. EXT_ARSTZ is also driven low
approximately 5 µs after the detection of a PWRGOOD or
any internally generated reset. In all cases, it will remain
active for a minimum of 2 ms.
Controller active low reset output signal. This output is driven
low immediately after POSENSE is externally driven low and
remains low while POSENSE remains low. CTRL_ARSTZ
will continue to be held low after POSENSE is driven high
CTRL_ARSTZ
T25
VDD33
O2
Async
and released by the controller firmware. CTRL_ARSTZ is
also optionally asserted low approximately 5us after the
detection of a PWRGOOD or any internally generated reset.
In all cases it will remain active for a minimum of 2 ms.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DLPC900


Similar Part No. - DLPC900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC900 TI1-DLPC900 Datasheet
1Mb / 83P
[Old version datasheet]   DLPC900 Digital Controller for Advanced Light Control
DLPC900AZPC TI1-DLPC900AZPC Datasheet
1Mb / 83P
[Old version datasheet]   DLPC900 Digital Controller for Advanced Light Control
DLPC900ZPC TI1-DLPC900ZPC Datasheet
1Mb / 83P
[Old version datasheet]   DLPC900 Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900_V01 Datasheet
1Mb / 83P
[Old version datasheet]   DLPC900 Digital Controller for Advanced Light Control
More results

Similar Description - DLPC900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
DLPC900 TI1-DLPC900_V01 Datasheet
1Mb / 83P
[Old version datasheet]   DLPC900 Digital Controller for Advanced Light Control
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com