Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPA3005DPFDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA3005DPFDR
Description  PMIC and High-Current LED Driver IC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA3005DPFDR Datasheet(HTML) 3 Page - Texas Instruments

  DLPA3005DPFDR Datasheet HTML 1Page - Texas Instruments DLPA3005DPFDR Datasheet HTML 2Page - Texas Instruments DLPA3005DPFDR Datasheet HTML 3Page - Texas Instruments DLPA3005DPFDR Datasheet HTML 4Page - Texas Instruments DLPA3005DPFDR Datasheet HTML 5Page - Texas Instruments DLPA3005DPFDR Datasheet HTML 6Page - Texas Instruments DLPA3005DPFDR Datasheet HTML 7Page - Texas Instruments DLPA3005DPFDR Datasheet HTML 8Page - Texas Instruments DLPA3005DPFDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
DLPA3005
ILLUM_HSIDE_DRIVE
26
ILLUM_LSIDE_DRIVE
ILLUM_A_BOOST
ILLUM_A_FB
SPI_CLK
ILLUM_A_SW
ILLUM_A_PGND
ILLUM_B_BOOST
ILLUM_B_VIN
ILLUM_B_FB
ILLUM_B_SW
ILLUM_B_PGND
ILLUM_A_COMP1
ILLUM_A_COMP2
ILLUM_B_COMP1
ILLUM_B_COMP2
THERMAL_PAD
CLK_OUT
CW_SPEED_PWM_OUT
SPI_VIN
SPI_MISO
SPI_SS_Z
SPI_MOSI
PWR7_BOOST
ILLUM_A_VIN
DMD_VRESET
DMD_VBIAS
DMD_VOFFSET
PWR1_BOOST
PWR1_VIN
PWR1_SWITCH
PWR1_FB
PWR1_PGND
SUP_5P0V
SUP_2P5V
PWR4_VIN
PWR4_OUT
PWR3_VIN
PWR3_OUT
AGND
VINA
PWR_5P5V
PWR_VIN
ACMPR_REF
ACMPR_OUT
ACMPR_IN_LABB
ACMPR_IN_3
ACMPR_IN_2
ACMPR_IN_1
PWR2_BOOST
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
DLPA3005
www.ti.com
DLPS071 – OCTOBER 2015
5 Pin Configuration and Functions
PFD Package
100-Pin HTQFP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
N/C
1
No connect
DRST_LS_IND
2
I/O
Connection for the DMD SMPS-inductor (low-side switch).
DRST_5P5V
3
O
Filter pin for LDO DMD. Power supply for internal DMD reset regulator, typical 5.5 V.
DRST_PGND
4
GND
Power ground for DMD SMPS. Connect to ground plane.
DRST_VIN
5
POWER
Power supply input for LDO DMD. Connect to system power.
DRST_HS_IND
6
I/O
Connection for the DMD SMPS-inductor (high-side switch).
ILLUM_5P5 V
7
O
Filter pin for LDO ILLUM. Power supply for internal ILLUM block, typical 5.5 V.
ILLUM_VIN
8
POWER
Supply input of LDO ILLUM. Connect to system power.
CH1_SWITCH
9
I
Low-side MOSFET switch for LED Cathode. Connect to RGB LED assembly.
CH1_SWITCH
10
I
Low-side MOSFET switch for LED Cathode. Connect to RGB LED assembly.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - DLPA3005DPFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA3005 TI1-DLPA3005 Datasheet
846Kb / 39P
[Old version datasheet]   0.47 1080p DMD
DLPA3005 TI-DLPA3005 Datasheet
579Kb / 6P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP짰 3D Printers
DLPA3005 TI-DLPA3005 Datasheet
698Kb / 14P
[Old version datasheet]   DLPC1438 Digital Controller for DLP 3D Printers
DLPA3005 TI-DLPA3005 Datasheet
2Mb / 60P
[Old version datasheet]   DLPC1438 Digital Controller for TI DLP짰 3D Printers
REVISED AUGUST 2021
DLPA3005 TI-DLPA3005 Datasheet
608Kb / 7P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP® 3D Printers
JULY 2021
More results

Similar Description - DLPA3005DPFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA3000 TI1-DLPA3000 Datasheet
1,021Kb / 75P
[Old version datasheet]   PMIC and High-Current LED Driver IC
DLPA4000 TI1-DLPA4000 Datasheet
2Mb / 79P
[Old version datasheet]   PMIC and High-Current LED Driver
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Nippon Precision Circui...
SM8150A NPC-SM8150A Datasheet
343Kb / 22P
   PMIC with White LED Driver
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
logo
Advanced Analog Technol...
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
   High Current LED Flash Driver Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com