Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPA2005ERSLT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005ERSLT
Description  Power Management and LED/Lamp Driver IC
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2005ERSLT Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPA2005ERSLT Datasheet HTML 7Page - Texas Instruments DLPA2005ERSLT Datasheet HTML 8Page - Texas Instruments DLPA2005ERSLT Datasheet HTML 9Page - Texas Instruments DLPA2005ERSLT Datasheet HTML 10Page - Texas Instruments DLPA2005ERSLT Datasheet HTML 11Page - Texas Instruments DLPA2005ERSLT Datasheet HTML 12Page - Texas Instruments DLPA2005ERSLT Datasheet HTML 13Page - Texas Instruments DLPA2005ERSLT Datasheet HTML 14Page - Texas Instruments DLPA2005ERSLT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
DLPA2005
www.ti.com
DLPS047B – SEPTEMBER 2014 – REVISED OCTOBER 2015
6.7 Typical Characteristics
The maximum output current of the buck-boost is a function of input voltage (VIN), and output voltage (VLED).
The relationship between VIN, VLED, and MAX ILED is shown in Figure 2. Please note that VLED is the output
of the buck-boost regulator, which includes the voltage drop across the sense resistor RLIM (39 mOhms typical),
internal strobe control switch (75 m
Ω max), and the forward voltage of the LED. For example, to drive 2.4 A of
current through a LED with Vƒ = 4.8 V using the DLPA2005, the minimum input voltage needs to be 4.5 V.
2.3 V < VLED < 4.8 V
Figure 2. Maximum LED Output Current as a Function of
Input Voltage (VIN) and Buck-Boost Output Voltage (VLED)
NOTE
Measured on a typical unit. VLED is the output of the buck-boost regulator and includes
the voltage drop across the sense resistor, internal strobe control switch, and the forward
voltage of the LED.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DLPA2005


Similar Part No. - DLPA2005ERSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA2005 TI1-DLPA2005 Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLPA2005 TI1-DLPA2005 Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLPA2005 TI-DLPA2005 Datasheet
549Kb / 6P
[Old version datasheet]   DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
DLPA2005 TI-DLPA2005 Datasheet
579Kb / 6P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP짰 3D Printers
DLPA2005 TI-DLPA2005 Datasheet
698Kb / 14P
[Old version datasheet]   DLPC1438 Digital Controller for DLP 3D Printers
More results

Similar Description - DLPA2005ERSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA2000 TI1-DLPA2000 Datasheet
1Mb / 58P
[Old version datasheet]   Power Management and LED/Lamp Driver IC
DLPA1000 TI1-DLPA1000 Datasheet
863Kb / 47P
[Old version datasheet]   Power Management and LED Driver IC
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
Rohm
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
logo
Texas Instruments
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
logo
ON Semiconductor
FLS0116 ONSEMI-FLS0116 Datasheet
3Mb / 15P
   MOSFET Integrated Smart LED Lamp Driver IC
June 2013 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com