Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP9500 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLP9500
Description  LVDS Type A DMD
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP9500 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLP9500 Datasheet HTML 6Page - Texas Instruments DLP9500 Datasheet HTML 7Page - Texas Instruments DLP9500 Datasheet HTML 8Page - Texas Instruments DLP9500 Datasheet HTML 9Page - Texas Instruments DLP9500 Datasheet HTML 10Page - Texas Instruments DLP9500 Datasheet HTML 11Page - Texas Instruments DLP9500 Datasheet HTML 12Page - Texas Instruments DLP9500 Datasheet HTML 13Page - Texas Instruments DLP9500 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
DLP9500
DLPS025C – AUGUST 2012 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions (continued)
PIN (1)
TYPE
DATA
INTERNAL TERM
TRACE
SIGNAL
CLOCK
DESCRIPTION
(I/O/P)
RATE (2)
(3)
(MILS)
NAME
NO.
DATA CLOCKS
Differentially
DCLK_AN
D10
Input
LVCMOS
325.8
terminated – 100
Ω
Input data bus A
Clock (2x LVDS)
Differentially
DCLK_AP
D8
Input
LVCMOS
319.9
terminated – 100
Ω
Differentially
DCLK_BN
AJ11
Input
LVCMOS
318.92
terminated – 100
Ω
Input data bus B
Clock (2x LVDS)
Differentially
DCLK_BP
AJ9
Input
LVCMOS
318.74
terminated – 100
Ω
Differentially
DCLK_CN
C23
Input
LVCMOS
252.01
terminated – 100
Ω
Input data bus C
Clock (2x LVDS)
Differentially
DCLK_CP
C21
Input
LVCMOS
241.18
terminated – 100
Ω
Differentially
DCLK_DN
AJ23
Input
LVCMOS
252.01
terminated – 100
Ω
Input data bus D
Clock (2x LVDS)
Differentially
DCLK_DP
AJ21
Input
LVCMOS
241.18
terminated – 100
Ω
DATA CONTROL INPUTS
Differentially
SCTRL_AN
J3
Input
LVCMOS
DDR
DCLK_A
608.14
Serial control for
terminated – 100
Ω
data bus A (2x
Differentially
LVDS)
SCTRL_AP
J5
Input
LVCMOS
DDR
DCLK_A
607.45
terminated – 100
Ω
Differentially
SCTRL_BN
AF4
Input
LVCMOS
DDR
DCLK_B
698.12
Serial control for
terminated – 100
Ω
data bus B (2x
Differentially
LVDS)
SCTRL_BP
AF2
Input
LVCMOS
DDR
DCLK_B
703.8
terminated – 100
Ω
Differentially
SCTRL_CN
E23
Input
LVCMOS
DDR
DCLK_C
232.46
Serial control for
terminated – 100
Ω
data bus C (2x
Differentially
LVDS)
SCTRL_CP
E21
Input
LVCMOS
DDR
DCLK_C
235.21
terminated – 100
Ω
Differentially
SCTRL_DN
AG23
Input
LVCMOS
DDR
DCLK_D
235.53
Serial control for
terminated – 100
Ω
data bus D (2x
Differentially
LVDS)
SCTRL_DP
AG21
Input
LVCMOS
DDR
DCLK_D
235.66
terminated – 100
Ω
SERIAL COMMUNICATION AND CONFIGURATION
SCPCLK
AE1
Input
LVCMOS
pull-down
Serial port clock
324.26
SCPDO
AC3
Output
LVCMOS
SCP_CLK
Serial port output
281.38
SCPDI
AD2
Input
LVCMOS
pull-down
SCP_CLK
Serial port input
261.55
SCPEN
AD4
Input
LVCMOS
pull-down
SCP_CLK
Serial port enable
184.86
PWRDN
B4
Input
LVCMOS
pull-down
Device reset
458.78
MODE_A
J1
Input
LVCMOS
pull-down
471.57
Data bandwidth
mode select
MODE_B
G1
Input
LVCMOS
pull-down
521.99
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DLP9500


Similar Part No. - DLP9500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP9500UV TI1-DLP9500UV Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
DLP9500UVFLN TI1-DLP9500UVFLN Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
More results

Similar Description - DLP9500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP9500UV TI1-DLP9500UV Datasheet
1Mb / 54P
[Old version datasheet]   LVDS Type A DMD
DLP7000 TI1-DLP7000 Datasheet
1Mb / 52P
[Old version datasheet]   LVDS Type A DMD
DLP6500FLQ TI1-DLP6500FLQ Datasheet
601Kb / 49P
[Old version datasheet]   MVSP Type A DMD
DLP6500 TI1-DLP6500 Datasheet
669Kb / 50P
[Old version datasheet]   0.65 1080p MVSP Type A DMD
DLP9000XUV TI1-DLP9000XUV Datasheet
2Mb / 57P
[Old version datasheet]   DLP9000XUV 0.9 UV WQXGA Type A DMD
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com