Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP5500BFYA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLP5500BFYA
Description  0.55 XGA Series
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP5500BFYA Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLP5500BFYA Datasheet HTML 6Page - Texas Instruments DLP5500BFYA Datasheet HTML 7Page - Texas Instruments DLP5500BFYA Datasheet HTML 8Page - Texas Instruments DLP5500BFYA Datasheet HTML 9Page - Texas Instruments DLP5500BFYA Datasheet HTML 10Page - Texas Instruments DLP5500BFYA Datasheet HTML 11Page - Texas Instruments DLP5500BFYA Datasheet HTML 12Page - Texas Instruments DLP5500BFYA Datasheet HTML 13Page - Texas Instruments DLP5500BFYA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
From Output
Under Test
Tester
Channel
LOAD CIRCUIT
C = 50 pF
C = 5 pF for Disable Time
L
L
RL
DLP5500
DLPS013F – APRIL 2010 – REVISED MAY 2015
www.ti.com
8.5 Thermal Information
DLP5500
THERMAL METRIC
FYA (CPGA)
UNIT
149 PINS
Thermal resistance from active array to specified point on case (TP1)(1)
0.6
°C/W
(1)
For more information, see Micromirror Array Temperature Calculation.
8.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level output voltage(1), See
VOH
VCC = 3.0 V,
IOH = –20 mA
2.4
V
Figure 2
Low-level output voltage(1), See
VOL
VCC = 3.6 V,
IOL = 15 mA
0.4
V
Figure 2
IOZ
High impedance output current(1)
VCC = 3.6 V
10
µA
IIL
Low-level input current(1)
VCC = 3.6 V,
VI = 0 V
–60
µA
IIH
High-level input current(1)
VCC = 3.6 V,
VI = VCC
200
µA
ICC
Current into VCC pin
VCC = 3.6 V,
750
mA
ICCI
Current into VOFFSET pin
(2)
VCCI = 3.6 V
450
mA
ICC2
Current into VCC2 pin
VCC2 = 8.75V
25
mA
ZIN
Internal Differential Impedance
95
105
Ω
Line Differential Impedance (PWB
ZLINE
90
100
110
Ω
or Trace)
CI
Input capacitance(1)
f = 1 MHz
10
pF
CO
Output capacitance(1)
f = 1 MHz
10
pF
CIM
Input capacitance for
f = 1 MHz
160
210
pF
MBRST[0:15] pins
(1)
Applies to LVCMOS pins only
(2)
Exceeding the maximum allowable absolute voltage difference between VCC and VCCI may result in excess current draw. (Refer to
Absolute Maximum Ratings for details)
Figure 2. Measurement Condition for LVCMOS Output
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DLP5500


Similar Part No. - DLP5500BFYA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP5500FYA TI-DLP5500FYA Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP5500FYAT TI-DLP5500FYAT Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
More results

Similar Description - DLP5500BFYA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP550JE TI1-DLP550JE Datasheet
658Kb / 34P
[Old version datasheet]   0.55 XGA DMD
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
logo
Advantech Co., Ltd.
WOP-215K ADVANTECH-WOP-215K Datasheet
442Kb / 2P
   15" XGA Operator Panel Installed 15" XGA Operator Panel Installed
10-Aug-2021
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
logo
List of Unclassifed Man...
MTL004 ETC1-MTL004 Datasheet
361Kb / 54P
   XGA Flat Panel Controller
GM5110 ETC1-GM5110 Datasheet
1Mb / 51P
   XGA/SXGA LCD Controller
logo
AAEON Technology
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
List of Unclassifed Man...
D2D0112S ETC2-D2D0112S Datasheet
84Kb / 2P
   1 DIAMETER 0.55 AMP 28 VDC
logo
PHOENIX CONTACT
1201694 PHOENIX-1201694 Datasheet
77Kb / 5P
   Speed starter - CSS 0.55-3/3
11/10/2021
logo
List of Unclassifed Man...
MTL005 ETC-MTL005 Datasheet
353Kb / 50P
   XGA Flat Panel Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com