Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP2010NIRFQJ Datasheet(PDF) 8 Page - Texas Instruments

Part # DLP2010NIRFQJ
Description  0.2 WVGA Near-Infrared DMD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2010NIRFQJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLP2010NIRFQJ Datasheet HTML 4Page - Texas Instruments DLP2010NIRFQJ Datasheet HTML 5Page - Texas Instruments DLP2010NIRFQJ Datasheet HTML 6Page - Texas Instruments DLP2010NIRFQJ Datasheet HTML 7Page - Texas Instruments DLP2010NIRFQJ Datasheet HTML 8Page - Texas Instruments DLP2010NIRFQJ Datasheet HTML 9Page - Texas Instruments DLP2010NIRFQJ Datasheet HTML 10Page - Texas Instruments DLP2010NIRFQJ Datasheet HTML 11Page - Texas Instruments DLP2010NIRFQJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Micromirror Landed Duty Cycle
0/100 5/95 10/90 15/85 20/80 25/75 30/70 35/65 40/60 45/55
30
40
50
60
70
80
D001
50/50
100/0
95/5
90/10
85/15
80/20
75/25
70/30
65/35
60/40
55/45
DLP2010NIR
DLPS059A – MARCH 2015 – REVISED OCTOBER 2015
www.ti.com
Recommended Operating Conditions (continued)
Over operating free-air temperature range (unless otherwise noted)
(1)(2)
MIN
NOM
MAX
UNIT
ENVIRONMENTAL
TARRAY
Array temperature – operational, long-term (11) (12) (13)
0
40 to 70(11)
°C
Array temperature – operational, short-term (14) (12)
–10
75
(13)
TWINDOW
Window temperature – operational(15)
90
°C
|TDELTA |
Absolute Temperature difference between any point
30
°C
on the window edge and the ceramic test point TP1(16)
ILLUV&VIS
Illumination, wavelength < 700 nm
0.68
mW/cm2
ILLNIR
Illumination, wavelength 700 - 2500 nm
2000
mW/cm2
ILLIR
Illumination, wavelength > 2500 nm
10
mW/cm2
(11) Per Figure 1, the maximum operational array temperature should be derated based on the micromirror landed duty cycle that the DMD
experiences in the end application. Refer to Micromirror Landed-On/Landed-Off Duty Cycle for a definition of micromirror landed duty
cycle.
(12) Long-term is defined as the usable life of the device.
(13) The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 19 and the package thermal resistance using Micromirror Array Temperature Calculation.
(14) Array temperatures beyond those specified as long-term are recommended for short-term conditions only (power-up). Short-term is
defined as cumulative time over the usable life of the device and is less than 500 hours for temperatures between long-term maximum
and 75°C, less than 500 hours for temperatures between 0°C and -10°C.
(15) Window temperature is the highest temperature on the window edge shown in Figure 19. The locations of thermal test points TP2 and
TP3 in Figure 19 are intended to measure the highest window edge temperature. If a particular application causes another point on the
window edge to be at a higher temperature, a test point should be added to that location.
(16) Temperature delta is the highest difference from the ceramic test point 1 (TP1) and anywhere on the window edge shown in Figure 19.
The window test points TP2 and TP3 shown in Figure 19 are intended to result in the worst case delta temperature. If a particular
application causes another point on the window edge to result in a larger delta temperature, that point should be used.
SPACE
Figure 1. Max Recommended Array Temperature – Derating Curve
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLP2010NIR


Similar Part No. - DLP2010NIRFQJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP2010NIRFQJ TI1-DLP2010NIRFQJ Datasheet
720Kb / 39P
[Old version datasheet]   2 WVGA Near-Infrared DMD
More results

Similar Description - DLP2010NIRFQJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR_18 Datasheet
720Kb / 39P
[Old version datasheet]   2 WVGA Near-Infrared DMD
DLP2010 TI1-DLP2010_16 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLP4500NIR TI1-DLP4500NIR_19 Datasheet
2Mb / 53P
[Old version datasheet]   .45 WXGA Near-Infrared DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
[Old version datasheet]   0.3 WVGA S450 DMD
DLP3021-Q1 TI1-DLP3021-Q1 Datasheet
626Kb / 38P
[Old version datasheet]   0.3-In WVGA DMD
DLP2010LC TI1-DLP2010LC Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLP4500NIR TI1-DLP4500NIR Datasheet
2Mb / 58P
[Old version datasheet]   WXGA Near-Infared DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com