Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI47901 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI47901
Description  High-Performance Automotive AM/FM Radio Receiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI47901 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI47901 Datasheet HTML 1Page - Silicon Laboratories SI47901 Datasheet HTML 2Page - Silicon Laboratories SI47901 Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Si47901/02
Copyright © 2015 by Silicon Laboratories
3.12.2015
ARM
Cortex M3
Radio
DSP-2
Blend
Audio
Output
Port 0
Audio
Input
Port 0
SPI/I
2C
Flash
Interface
VD
VA
VIO2
VIO1
Power
Supplies
DAC
Radio DSP
LNA
LBI
LBO
B3I/WXI
FMI
FMO
AGC
LNA
AGC
LNA
AGC
LNA
AGC
B3O
AMI
AMO
AMVAG
ADC
ADC
IF AGC
DAC
DEBUGP
DEBUGN
ISFSP
ISFSN
ZIFIOUT
ZIFCLK
ZIFQOUT
ZIFFS
Si47901/02
High-Performance Automotive AM/FM Radio Receiver and
HD Radio™/DAB/DAB+/DMB/DRM Tuner
Features
- Worldwide FM band support (64–108 MHz)
- Worldwide AM band support (520–1710 kHz)
- LW band support (144–288 kHz)
- SW band support (2.3–30 MHz)
- DAB/DAB+/DMB support (170–240 MHz, 1452–1492
MHz) (Si47902 only)
- NOAA Weather Band support
- On-chip soft-decision RDS/RDBS demodulator/decoder
- AM/FM:
- Comprehensive AM/FM signal processing firmware
- Integrated active AM/FM buffers for background/data
tuners
- Analog FM phase diversity with two, three or four 
tuners
- Fully integrated AGC for AM and FM inputs
- HD Radio:
- Digital I/Q interface to HD Radio Processor
- HD Radio MRC with two, three, or four tuners
- AM/FM HD Radio IBOC blend
- Fast FM HD Radio band scan
- DAB/DAB+/DMB (Si47902 only):
- Digital I/Q interface to DAB/DAB+/DMB processor
- DAB/DAB+/DMB MRC with two, three, or four tuners
- Integrated active Band III/L-band buffers for 
background/data tuners
- Fast DAB/DAB+/DMB band scan
- Fully integrated AGC for Band III and L-Band inputs
- Two analog audio outputs
- Two digital audio ports (I2S)
- Frequency synthesizer with fully
- integrated PLL-VCO
- Integrated clock oscillator
- 1.8 V or 3.3 V digital IO power supplies
- 3.3 V analog power supply and 1.8 V digital power 
supply
- QFN 48-pin, 7x7x0.85 mm
- Pb-free/RoHS compliant
- AEQ-Q100 qualified
Description
The Si47901/02 analog AM/FM receiver and digital radio
tuner sets a new standard for automotive broadcast
reception.
The Si47901/02 is the most integrated monolithic IC in the
industry with the smallest external bill of materials.
Si47901/02 based systems can scale from lowcost single
tuner AM/FM radio to highest performance systems with
multiple tuners and multiple antennas, enabling the radio
suppliers to reuse their R&D across multiple product lines,
all with a common software API. The Si47901/02 meets
rigorous automotive quality standards.
Applications
- Automotive OEM infotainment systems
- Aftermarket car radio systems


Similar Part No. - SI47901

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI47903 SILABS-SI47903 Datasheet
61Kb / 2P
   High-Performance Automotive AM/FM Radio
SI47904 SILABS-SI47904 Datasheet
61Kb / 2P
   High-Performance Automotive AM/FM Radio
SI47905 SILABS-SI47905 Datasheet
61Kb / 2P
   High-Performance Automotive AM/FM Radio
SI47906 SILABS-SI47906 Datasheet
61Kb / 2P
   High-Performance Automotive AM/FM Radio
More results

Similar Description - SI47901

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI47920 SILABS-SI47920 Datasheet
1,016Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4757-A10-AM SILABS-SI4757-A10-AM Datasheet
997Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI4750-A10-AM SILABS-SI4750-A10-AM Datasheet
51Kb / 2P
   High Performance Automotive AM/FM Radio Receiver
SI47911 SILABS-SI47911 Datasheet
994Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4750-A10 SILABS-SI4750-A10 Datasheet
993Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI4745-C10-GM SILABS-SI4745-C10-GM Datasheet
66Kb / 2P
   Automotive AM/FM Radio Receiver
SI47903 SILABS-SI47903 Datasheet
61Kb / 2P
   High-Performance Automotive AM/FM Radio
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com