Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4844-B-DEMO Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI4844-B-DEMO
Description  Si4844-B DEMO BOARD USERS GUIDE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4844-B-DEMO Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4844-B-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 9Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 10Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 11Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 12Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 13Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Si4844-B-DEMO
10
Rev. 0.1
4.2. FM/AM/SW Radio Mode
In Time mode, after a long press (hold time > 1s) of the POWER/BAND button or when the alarm time is reached,
the device will enter FM/AM/SW Mode. The LCD displays the following information: band indicator, band frequency
indicator, and sleep indicator in case the radio is automatically turned on by the alarm.
The demo board display in FM/AM/SW Mode is illustrated in Figure 3.
Figure 3. LCD Display in FM Radio Mode
The demo board provides two methods for selecting the radio band. One is to use the slide switch S2. The other is
to use the POWER/BAND push button. S14 determines which method is in use.
The demo board also provides two methods for setting the band property. One is to use the tuner default values.
The other method is to use the keypad to reconfigure the band property value via the MCU. S13 determines which
method is in use. If you use the tuner default values, the band property is fixed and cannot be reconfigured. Refer
to Section "4.2.1. MCU Setting Band Property” for the operation details for setting the band property using the
keypad.
To operate the demo board, follow these procedures:
1. According to the desired radio band selection method, set S14 to use slide switch or push button.
2. According to the desired radio band property, set S13 to use tuner default values or reconfigure the band
property via MCU.
3. Hold the POWER/BAND button (hold time > 1s) or when the alarm time is reached, the device will enter
FM/AM/SW Mode.
4. Use slide switch S2 or press the POWER/BAND push button to select the desired band.
5. Refer to Section "4.2.1. MCU Setting Band Property” or section "4.2.2. MCU Setting Radio Working Mode”
to reconfigure the band property or radio working mode if necessary.
6. Rotate the tuning wheel and find the desired radio station with the help of the LCD display and/or tuning
indicator D1.
7. Rotate the volume control wheel VR2 and/or press the DOWN/VOL– or UP/VOL+ button to get a
comfortable volume. Press the BASS/TMR or TREBLE/AL button to get the desired bass/treble level.
Note: For FM listening, the earphone cable must be connected to the board when S12 is set to HP ANT or an external antenna
must be connected to the BNC connector when S12 is set to BNC.
For AM listening, the ferrite antenna must be connected to the board and the S11 is set to Ferrite before turning on the
radio or switching the band to AM.


Similar Part No. - SI4844-B-DEMO

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4844-B20 SILABS-SI4844-B20 Datasheet
1Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4844-B20 SKYWORKS-SI4844-B20 Datasheet
2Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 1.0
SI4844-B20-GU SKYWORKS-SI4844-B20-GU Datasheet
2Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 1.0
More results

Similar Description - SI4844-B-DEMO

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
   UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
logo
ON Semiconductor
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
   Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com